Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS3015 Datasheet(PDF) 5 Page - Microchip Technology

Part # LPS3015
Description  High Voltage Input Integrated Switch Step-Down Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LPS3015 Datasheet(HTML) 5 Page - Microchip Technology

  LPS3015 Datasheet HTML 1Page - Microchip Technology LPS3015 Datasheet HTML 2Page - Microchip Technology LPS3015 Datasheet HTML 3Page - Microchip Technology LPS3015 Datasheet HTML 4Page - Microchip Technology LPS3015 Datasheet HTML 5Page - Microchip Technology LPS3015 Datasheet HTML 6Page - Microchip Technology LPS3015 Datasheet HTML 7Page - Microchip Technology LPS3015 Datasheet HTML 8Page - Microchip Technology LPS3015 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
© 2011 Microchip Technology Inc.
DS25004A-page 5
MCP16301
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, V
IN = EN = 12V, COUT = CIN = 2 X10 µF, L = 15 µH, VOUT = 3.3V, ILOAD = 200 mA,
TA = +25°C.
FIGURE 2-1:
2.0V VOUT Efficiency vs.
IOUT.
FIGURE 2-2:
3.3V VOUT Efficiency vs.
IOUT.
FIGURE 2-3:
5.0V VOUT Efficiency vs.
IOUT.
FIGURE 2-4:
12V VOUT Efficiency vs.
IOUT.
FIGURE 2-5:
15V VOUT Efficiency vs.
IOUT.
FIGURE 2-6:
Input Quiescent Current vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
30
40
50
60
70
80
90
0
100
200
300
400
500
600
IOUT(mA)
VIN = 30V
VIN = 12V
VIN = 6V
VOUT = 2.0V
30
40
50
60
70
80
90
100
0
100
200
300
400
500
600
IOUT (mA)
VIN = 30V
VIN = 12V
VIN = 6V
VOUT = 3.3V
30
40
50
60
70
80
90
100
0
100
200
300
400
500
600
IOUT (mA)
VIN = 6V
VIN = 30V
VIN = 12V
VOUT = 5.0V
30
40
50
60
70
80
90
100
0
100
200
300
400
500
600
IOUT (mA)
VIN = 30V
VIN = 24V
VIN = 16V
VOUT = 12.0V
30
40
50
60
70
80
90
100
0
100
200
300
400
500
600
IOUT (mA)
VIN = 30V
VIN = 24V
VIN = 16V
VOUT = 15.0V
0
1
2
3
4
5
6
-40
-25
-10
5
20
35
50
65
80
Ambient Temperature (°C)
VIN = 30V
VIN = 6V
VIN = 12V
VOUT = 3.3V
IOUT = 0 mA


Similar Part No. - LPS3015

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS3015 COILCRAFT-LPS3015 Datasheet
340Kb / 2P
   Shielded Power Inductors
LPS3015-102ML COILCRAFT-LPS3015-102ML Datasheet
208Kb / 2P
   Shielded Power Inductors
LPS3015-102MLB COILCRAFT-LPS3015-102MLB Datasheet
295Kb / 2P
   Shielded Power Inductors LPS3015
LPS3015-102MLC COILCRAFT-LPS3015-102MLC Datasheet
295Kb / 2P
   Shielded Power Inductors LPS3015
LPS3015-102MLD COILCRAFT-LPS3015-102MLD Datasheet
295Kb / 2P
   Shielded Power Inductors LPS3015
More results

Similar Description - LPS3015

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16301 MICROCHIP-MCP16301_V01 Datasheet
783Kb / 38P
   High-Voltage Input Integrated Switch Step-Down Regulator
Revision E January 2021
MCP16331 MICROCHIP-MCP16331 Datasheet
993Kb / 40P
   High-Voltage Input Integrated Switch Step-Down Regulator
03/25/14
MCP16301 MICROCHIP-MCP16301_15 Datasheet
1Mb / 40P
   High-Voltage Input Integrated Switch Step-Down Regulator
01/27/15
MCP16331 MICROCHIP-MCP16331_V01 Datasheet
1Mb / 48P
   High-Voltage Input Integrated Switch Step-Down Regulator
Revision D January 2021
MCP16301 MICROCHIP-MCP16301_12 Datasheet
1Mb / 40P
   High-Voltage Input Integrated Switch Step-Down Regulator
2011-2012 10/26/12
MCP16311 MICROCHIP-MCP16311 Datasheet
954Kb / 40P
   30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
03/25/14
MCP16311 MICROCHIP-MCP16311_V01 Datasheet
1Mb / 40P
   30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
Revision C July 2019
logo
Advanced Analogic Techn...
AAT1184 ANALOGICTECH-AAT1184 Datasheet
3Mb / 19P
   High Voltage Step-Down Regulator
logo
Allegro MicroSystems
A8499 ALLEGRO-A8499 Datasheet
307Kb / 7P
   High Voltage Step-Down Regulator
A8447 ALLEGRO-A8447 Datasheet
371Kb / 9P
   High Voltage Step Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com