Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TND020 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # TND020
Description  Lamp-, solenoid-, and motor-driving Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TND020 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  TND020 Datasheet HTML 1Page - Sanyo Semicon Device TND020 Datasheet HTML 2Page - Sanyo Semicon Device TND020 Datasheet HTML 3Page - Sanyo Semicon Device TND020 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TND020F, 020MP
No.6040–3/4
Tj(sd) - VIN
PD - Ta
-20
0
20
40
60
80
100
120
140
160
-40
0
1234
67
511
810
9
150
160
170
180
190
200
140
0.2
0.4
0.6
0.8
1.0
1.2
0
PD - Ta
0
0.5
1.0
1.5
2.0
-20
0
20
40
60
80
100
120
140
160
-40
TND020F
TND020MP
VDS,clamp - Ta
VIN(th) - Ta
VIN=0
IO=1mA
VDS=5V
IO=1mA
0
10
20
30
40
50
60
70
80
-25
0
25
50
75
100
125
150
-50
0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
150
125
100
Ambient Temperature, Ta – ˚C
Ambient Temperature, Ta – ˚C
Input Voltage, VIN –V
Ambient Temperature, Ta – ˚C
Ambient Temperature, Ta – ˚C
Is - Ta
Is - VIN
5V
4V
VIN
=6V
Ta=25
°C
-25
0
25
50
75
100
125
150
-50
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
5.0
4.0
4.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
5.0
4.0
4.5
2
3456789
10
11
Ambient Temperature, Ta – ˚C
Input Voltage, VIN –V


Similar Part No. - TND020

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND022F SANYO-TND022F Datasheet
45Kb / 4P
   Lamp-, solenoid-, and motor-driving Applications
TND022MP SANYO-TND022MP Datasheet
45Kb / 4P
   Lamp-, solenoid-, and motor-driving Applications
TND023F SANYO-TND023F Datasheet
46Kb / 4P
   Lamp-, solenoid-, and motor-driving Applications
TND023MP SANYO-TND023MP Datasheet
46Kb / 4P
   Lamp-, solenoid-, and motor-driving Applications
TND024F SANYO-TND024F Datasheet
45Kb / 4P
   Lamp-, solenoid-, and motor-driving Applications
More results

Similar Description - TND020

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND024F SANYO-TND024F Datasheet
45Kb / 4P
   Lamp-, solenoid-, and motor-driving Applications
TND012NM SANYO-TND012NM Datasheet
41Kb / 4P
   Lamp, solenoid, and motor-driving Applications
TND022F SANYO-TND022F Datasheet
45Kb / 4P
   Lamp-, solenoid-, and motor-driving Applications
TND023F SANYO-TND023F Datasheet
46Kb / 4P
   Lamp-, solenoid-, and motor-driving Applications
TND025F SANYO-TND025F Datasheet
45Kb / 4P
   Lamp-, solenoid-, and motor-driving Applications
TND017MP SANYO-TND017MP_07 Datasheet
78Kb / 6P
   Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
TND027MP SANYO-TND027MP_08 Datasheet
58Kb / 5P
   Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
TND027MP SANYO-TND027MP Datasheet
33Kb / 5P
   Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
TND027SW SANYO-TND027SW_11 Datasheet
387Kb / 5P
   Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
TND027SW SANYO-TND027SW Datasheet
51Kb / 6P
   Lowside Power Switch Lamp-, Solenoid-and Motor-Driving Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com