Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP73864T Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP73864T
Description  Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73864T Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP73864T Datasheet HTML 4Page - Microchip Technology MCP73864T Datasheet HTML 5Page - Microchip Technology MCP73864T Datasheet HTML 6Page - Microchip Technology MCP73864T Datasheet HTML 7Page - Microchip Technology MCP73864T Datasheet HTML 8Page - Microchip Technology MCP73864T Datasheet HTML 9Page - Microchip Technology MCP73864T Datasheet HTML 10Page - Microchip Technology MCP73864T Datasheet HTML 11Page - Microchip Technology MCP73864T Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
MCP73861/2/3/4
DS21893E-page 8
 2011 Microchip Technology Inc.
NOTE: Unless otherwise indicated, VDD = [VREG(typ.) + 1V], IOUT = 10 mA and TA= +25°C, Constant-voltage mode.
FIGURE 2-7:
Output Leakage Current
(IDISCHARGE) vs. Battery Regulation Voltage
(VBAT).
FIGURE 2-8:
Thermistor Reference
Voltage (VTHREF) vs. Supply Voltage (VDD).
FIGURE 2-9:
Thermistor Reference
Voltage (VTHREF) vs. Thermistor Bias Current
(ITHREF).
FIGURE 2-10:
Supply Current (ISS) vs.
Ambient Temperature (TA).
FIGURE 2-11:
Battery Regulation Voltage
(VBAT) vs. Ambient Temperature (TA).
FIGURE 2-12:
Thermistor Reference
Voltage (VTHREF) vs. Ambient Temperature (TA).
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
2.0
2.4
2.8
3.2
3.6
4.0
4.4
Battery Regulation Voltage (V)
MCP73861/3
VSET = VDD
VDD = VSS
+25°C
-40°C
+85°C
2.500
2.510
2.520
2.530
2.540
2.550
4.56.0
7.59.0
10.5
12.0
Supply Voltage (V)
MCP73861/3
VSET = VDD
ITHREF = 100 µA
2.500
2.505
2.510
2.515
2.520
0
25
50
75
100 125 150 175 200
Therm. Bias Current (µA)
MCP73861/3
VSET = VDD
0.40
0.60
0.80
1.00
1.20
1.40
1.60
Ambient Temperature (°C)
MCP73861/3
VSET = VDD
IOUT = 10 mA
4.193
4.195
4.197
4.199
4.201
4.203
4.205
4.207
Ambient Temperature (°C)
MCP73861/3
VSET = VDD
IOUT = 10 mA
2.500
2.505
2.510
2.515
2.520
Ambient Temperature (°C)
MCP73861/3
VSET = VDD
ITHREF = 100 µA


Similar Part No. - MCP73864T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73864T MICROCHIP-MCP73864T Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73864T-I/ML MICROCHIP-MCP73864T-I/ML Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73864T-I/ML MICROCHIP-MCP73864T-I/ML Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73864T-I/SL MICROCHIP-MCP73864T-I/SL Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73864T-I/SL MICROCHIP-MCP73864T-I/SL Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
More results

Similar Description - MCP73864T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73861 MICROCHIP-MCP73861_08 Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73861 MICROCHIP-MCP73861_13 Datasheet
872Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management Controllers
11/29/12 2004-2013
MCP73861 MICROCHIP-MCP73861 Datasheet
402Kb / 26P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2004
MCP73861 MICROCHIP-MCP73861_05 Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
MCP73831 MICROCHIP-MCP73831_14 Datasheet
682Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
03/25/14
MCP73811 MICROCHIP-MCP73811 Datasheet
1Mb / 22P
   Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com