Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FF225R12ME4_B11 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # FF225R12ME4_B11
Description  EconoDUAL3 module with Trench/Fieldstop IGBT4 and Emitter Controlled HE diode and PressFIT / NTC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FF225R12ME4_B11 Datasheet(HTML) 2 Page - Infineon Technologies AG

  FF225R12ME4_B11 Datasheet HTML 1Page - Infineon Technologies AG FF225R12ME4_B11 Datasheet HTML 2Page - Infineon Technologies AG FF225R12ME4_B11 Datasheet HTML 3Page - Infineon Technologies AG FF225R12ME4_B11 Datasheet HTML 4Page - Infineon Technologies AG FF225R12ME4_B11 Datasheet HTML 5Page - Infineon Technologies AG FF225R12ME4_B11 Datasheet HTML 6Page - Infineon Technologies AG FF225R12ME4_B11 Datasheet HTML 7Page - Infineon Technologies AG FF225R12ME4_B11 Datasheet HTML 8Page - Infineon Technologies AG FF225R12ME4_B11 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
!
"
>
%
;
*
*
8DE 0 &GH
(-./
(
>
+
*
9
+H
8- 0 &GHN 8DE 0 !&GH
8- 0 &GHN 8DE 0 !&GH
1- 234
1-
&
5
5
<
9
>
;
O
>
P 0
1-67
&
5
Q
(
*
:
8- 0 &GHN 8DE 0 !&GH
<C3C
&
=
Q
%
;
O
*
*
>
*
(R./
S,
(
#
$
T
>
%
;) *
*
*
*
1- 0
& 5N (R. 0 & (
1- 0
& 5N (R. 0 & (
1- 0
& 5N (R. 0 & (
(-. ABC
N &
N
N &
N &
(
(
(
8DE 0 &GH
8DE 0
&GH
8DE 0 & GH
Q
; 9:
*
*
9
9
*
1- 0 !N
5N (-. 0 (R.N 8DE 0 &GH
(R.CU
&N
&N
KN
(
Q
*
*
9 *
(R. 0
& (
S & (
VR
N&&
WH
1
Q
:
*
8DE 0 &GH
XRY2C
N
Z
% *
* >
O )
0
ION 8DE 0 &GHN (-. 0 & (N (R. 0
(
HY[A
N
?
X\ >: >
* >
O )
0
ION 8DE 0 &GHN (-. 0 & (N (R. 0
(
H][A
N! &
?
>
%
X
(-. 0
(N (R. 0
(N 8DE 0 &GH
1-./
N
5
Q
%
X
*
> *
(-. 0
(N (R. 0
(N 8DE 0 &GH
1R./
5
%
9
O^*
* O
$
#
'
$
'
1- 0
& 5N (-. 0 K
(
(R. 0 _ & (
XR32 0 NK Z
` 32
N K
N !
N
W
W
W
8DE 0 &GH
8DE 0
&GH
8DE 0 & GH
5
* O
$
>
#
'
$
'
1- 0
& 5N (-. 0 K
(
(R. 0 _ & (
XR32 0 NK Z
]
N
N
N
W
W
W
8DE 0 &GH
8DE 0
&GH
8DE 0 & GH
5
9
O^*
* O
$
#
'
$
'
1- 0
& 5N (-. 0 K
(
(R. 0 _ & (
XR3aa 0 NK Z
` 3aa
N
N !
N&
W
W
W
8DE 0 &GH
8DE 0
&GH
8DE 0 & GH
?
O
$
>
#
'
$
'
1- 0
& 5N (-. 0 K
(
(R. 0 _ & (
XR3aa 0 NK Z
a
N !
N
N
W
W
W
8DE 0 &GH
8DE 0
&GH
8DE 0 & GH
%
9
*
<
*
1- 0
& 5N (-. 0 K
(N #/ 0
I
(R. 0 _ & (N
,
0 &!& 5,W $8DE0 & GH'
XR32 0 NK Z
%32
KN
N&
&N
b
b
b
8DE 0 &GH
8DE 0
&GH
8DE 0 & GH
5
9
*
<
*
1- 0
& 5N (-. 0 K
(N #/ 0
I
(R. 0 _ & (N
,
0
(,W $8DE0 & GH'
XR3aa 0 NK Z
%3aa
!N
KN&
N&
b
b
b
8DE 0 &GH
8DE 0
&GH
8DE 0 & GH
O
9
9
;H
(R. c & (N (-- 0
(
(-.4Bd 0 (-./ #A-. e ,
1/-
5
8DE 0 & GH
P c
W N
1
=)
:
9
N f
1Q 8 ,
1Q 8
XCUg-
N
,=
h
*
* =)
:
9
N
9
>
1Q 8 ,
1Q 8
iPBAC[ 0
=,$ e ' ,
ij][BA[ 0
=,$ e '
XCU-k
N
,=


Similar Part No. - FF225R12ME4_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF225R12ME4_B11 INFINEON-FF225R12ME4_B11 Datasheet
700Kb / 9P
   EconoDUAL3 Modul mit Trench
2013-11-05 revision:2.0
FF225R12ME4_B11 INFINEON-FF225R12ME4_B11_13 Datasheet
700Kb / 9P
   EconoDUAL3 Modul mit Trench
2013-11-05 revision:2.0
More results

Similar Description - FF225R12ME4_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF450R17ME4_B11 INFINEON-FF450R17ME4_B11 Datasheet
554Kb / 9P
   EconoDUAL3 module with Trench/Fieldstop IGBT4 and Emitter Controlled HE diode and PressFIT / NTC
2011-04-19 revision:2.0
FF300R12ME4_B11 INFINEON-FF300R12ME4_B11 Datasheet
556Kb / 9P
   EconoDUAL3 module with Trench/Fieldstop IGBT4 and Emitter Controlled HE diode and PressFIT / NTC
2011-04-19 revision:2.0
FF300R12ME4 INFINEON-FF300R12ME4 Datasheet
510Kb / 9P
   EconoDUAL3 module with Trench/Fieldstop IGBT4 and Emitter Controlled HE diode and NTC
2011-03-01 revision:3.1
FF225R12ME4 INFINEON-FF225R12ME4 Datasheet
510Kb / 9P
   EconoDUAL3 module with trench/fieldstop IGBT4 and Emitter Controlled HE diode and NTC
2011-03-02 revision:3.2
FF450R12ME4 INFINEON-FF450R12ME4 Datasheet
511Kb / 9P
   EconoDUAL3 module with Trench/Fieldstop IGBT4 and Emitter Controlled HE diode and NTC
2011-03-01 revision:3.1
FF225R17ME4_B11 INFINEON-FF225R17ME4_B11 Datasheet
552Kb / 9P
   EconoDUAL3 module with trench/fieldstop IGBT4 and Emitter Controlled diode and PressFIT / NTC
2011-04-19 revision:2.0
FF300R17ME4_B11 INFINEON-FF300R17ME4_B11 Datasheet
553Kb / 9P
   EconoDUAL3 module with trench/fieldstop IGBT4 and Emitter Controlled Diode and PressFIT / NTC
2011-04-19 revision:2.0
FF600R12ME4_B11 INFINEON-FF600R12ME4_B11 Datasheet
557Kb / 9P
   EconoDUAL3 module with trench/fieldstop IGBT4 and Emitter Controlled Diode and PressFIT / NTC
2011-04-19 revision:2.0
FF600R12ME4 INFINEON-FF600R12ME4 Datasheet
512Kb / 9P
   EconoDUAL3 module with Trench/Fieldstop IGBT4 and Emitter Controlled Diode and NTC
2011-03-02 revision:2.1
FF225R17ME4 INFINEON-FF225R17ME4 Datasheet
310Kb / 8P
   EconoDUAL3 module with trench/fieldstop IGBT4 and Emitter Controlled 3 diode
2011-03-01 revision:2.3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com