Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FD200R12KE3 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # FD200R12KE3
Description  62mm C-series module with trench/fieldstop IGBT3 and EmCon High Efficiency diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FD200R12KE3 Datasheet(HTML) 6 Page - Infineon Technologies AG

  FD200R12KE3 Datasheet HTML 1Page - Infineon Technologies AG FD200R12KE3 Datasheet HTML 2Page - Infineon Technologies AG FD200R12KE3 Datasheet HTML 3Page - Infineon Technologies AG FD200R12KE3 Datasheet HTML 4Page - Infineon Technologies AG FD200R12KE3 Datasheet HTML 5Page - Infineon Technologies AG FD200R12KE3 Datasheet HTML 6Page - Infineon Technologies AG FD200R12KE3 Datasheet HTML 7Page - Infineon Technologies AG FD200R12KE3 Datasheet HTML 8Page - Infineon Technologies AG FD200R12KE3 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Technische Information / technical information
FD200R12KE3
IGBT-Module
IGBT-modules
#
1
`
+
U
W
#
1
`
+
U
W
#
1
`
+
U
W
#
1
`
+
U
W
@
$
!
U
W
@
$
!
U
W
@
$
!
U
W
@
$
!
U
W
"SPi ( U3fW
"SPi ( U3fW
"SPi ( U3fW
"SPi ( U3fW
B54 (
N2 ,-. (
,
B54 (
N2 ,-. (
,
B54 (
N2 ,-. (
,
B54 (
N2 ,-. (
,
3f u8v
0 60 120 180 240 300 360 420 480 540 600
0
3
6
9
12
15
18
21
24
27
30
"SPi2 %&' ( 0 )*+
#
1
`
+
U
W
#
1
`
+
U
W
#
1
`
+
U
W
#
1
`
+
U
W
@
$
!
U
W
@
$
!
U
W
@
$
!
U
W
@
$
!
U
W
"SPi ( U BW
"SPi ( U BW
"SPi ( U BW
"SPi ( U BW
3f (
82 ,-. (
,
3f (
82 ,-. (
,
3f (
82 ,-. (
,
3f (
82 ,-. (
,
B uNv
0
3
6
9 12 15 18 21 24 27 30
0
3
6
9
12
15
18
21
24
27
30
"SPi2 %&' ( 0 )*+
%
F
@
1
`
+
%
F
@
1
`
+
%
F
@
1
`
+
%
F
@
1
`
+
!
!
!
!
wAJa- ( U W
wAJa- ( U W
wAJa- ( U W
wAJa- ( U W
u v
0,001
0,01
0,1
1
10
0,01
0,1
1
wAJa- 1
Mu D
v
Mu v
0
2
>
2
00 I
2
)
2
>
2 I)
2
0
>
2
0
2
>77
1
!
1
U
W
1
!
1
U
W
1
!
1
U
W
1
!
1
U
W
@
U
W
@
U
W
@
U
W
@
U
W
3f ( U,fW
3f ( U,fW
3f ( U,fW
3f ( U,fW
,f u,v
0,0 0,2 0,4 0,6 0,8 1,0 1,2 1,4 1,6 1,8 2,0 2,2 2,4
0
40
80
120
160
200
240
280
320
360
400
%&' ( )*+
%&' ( 0 )*+


Similar Part No. - FD200R12KE3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FD200R12KE3 EUPEC-FD200R12KE3 Datasheet
172Kb / 9P
   Technische Information / technical information
logo
Infineon Technologies A...
FD200R12KE3P INFINEON-FD200R12KE3P Datasheet
595Kb / 10P
   62mm C-Serien Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled HE Diode und bereits aufgetragenem Thermal Interface Material
2016-04-04 revision:V2.0
More results

Similar Description - FD200R12KE3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FD400R12KE3_B5 EUPEC-FD400R12KE3_B5 Datasheet
274Kb / 8P
   62mm C-series module with trench/fieldstop IGBT3 and EmCon High Efficiency series diode
FF150R12KE3G EUPEC-FF150R12KE3G Datasheet
288Kb / 8P
   62mm C-series module with the trench/fieldstop IGBT3 and Emcon High Efficiency diode
logo
Infineon Technologies A...
FF300R12KT3 INFINEON-FF300R12KT3 Datasheet
264Kb / 8P
   62mm C-series module with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
2007-10-19 revision:3.0
logo
eupec GmbH
FZ300R12KE3B1G EUPEC-FZ300R12KE3B1G Datasheet
264Kb / 8P
   62mm C-series module with the trench/fieldstop IGBT3 and Emcon High Efficiency diode
logo
Infineon Technologies A...
FF400R12KE3 INFINEON-FF400R12KE3 Datasheet
265Kb / 8P
   62mm C-Series module with trench/fieldstopp IGBT3 and EmCon High Efficiency diode
2007-09-11 revision:3.1
FF300R12ME3 INFINEON-FF300R12ME3 Datasheet
299Kb / 8P
   EconoDUAL module with trench/fieldstop IGBT3 and EmCon High Efficiency diode
2011-03-01 revision:2.3
FF450R12ME3 INFINEON-FF450R12ME3 Datasheet
299Kb / 8P
   EconoDUAL module with trench/fieldstop IGBT3 and EmCon High Efficiency diode
2011-03-04 revision:2.2
FF225R12ME3 INFINEON-FF225R12ME3 Datasheet
298Kb / 8P
   EconoDUAL module with trench/fieldstop IGBT3 and EmCon High Efficiency diode
2011-03-04 revision:2.2
FF150R12ME3G INFINEON-FF150R12ME3G Datasheet
298Kb / 8P
   EconoDUAL module with trench/fieldstop IGBT3 and EmCon High Efficiency diode
2011-03-04 revision:2.2
logo
eupec GmbH
FF200R17KE3 EUPEC-FF200R17KE3_07 Datasheet
267Kb / 8P
   62mm C-series module with trench/fieldstop IGBT and EmCon diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com