Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD5V3S5USE6727 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # ESD5V3S5USE6727
Description  Multi-Channel TVS Diode Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD5V3S5USE6727 Datasheet(HTML) 2 Page - Infineon Technologies AG

  ESD5V3S5USE6727 Datasheet HTML 1Page - Infineon Technologies AG ESD5V3S5USE6727 Datasheet HTML 2Page - Infineon Technologies AG ESD5V3S5USE6727 Datasheet HTML 3Page - Infineon Technologies AG ESD5V3S5USE6727 Datasheet HTML 4Page - Infineon Technologies AG ESD5V3S5USE6727 Datasheet HTML 5Page - Infineon Technologies AG ESD5V3S5USE6727 Datasheet HTML 6Page - Infineon Technologies AG ESD5V3S5USE6727 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2007-12-11
2
ESD5V0SxUS
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
ESD contact discharge per diode1)
VESD
30
kV
Peak pulse current (tp = 8 / 20 µs) per diode2)
Ipp
10
A
Peak pulse power (tp = 8 / 20 µs) per diode
Ppk
130
W
Operating temperature range
Top
-55...125
°C
Storage temperature
Tstg
-65...150
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Reverse working voltage
VRWM
-
5
5.3
V
Breakdown voltage
I(BR) = 1 mA
V(BR)
5.7
6.7
7.7
Reverse current
VR = 3.3 V
VR = 5 V
IR
-
-
-
-
1
5
µA
Clamping voltage (positive transients)
IPP = 1 A, tp = 8/20 µs2)
IPP = 10 A, tp = 8/20 µs2)
VCL
-
-
7
10.5
9
13
V
Forward clamping voltage (negative transients)
IPP = 1 A, tp = 8/20 µs2)
IPP = 10 A, tp = 8/20 µs2)
VFC
-
-
1
3.5
3
6
Diode capacitance
VR = 0 V, f = 1 MHz
VR = 5 V, f = 1 MHz
CT
-
-
70
35
90
55
pF
1VESD according to IEC61000-4-2
2Ipp according to IEC61000-4-5


Similar Part No. - ESD5V3S5USE6727

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD5V3S5USE6727 INFINEON-ESD5V3S5USE6727 Datasheet
841Kb / 7P
   Multi-Channel TVS Diode Array
2011-06-17
More results

Similar Description - ESD5V3S5USE6727

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD5V0S4US INFINEON-ESD5V0S4US_11 Datasheet
841Kb / 7P
   Multi-Channel TVS Diode Array
2011-06-17
logo
Protek Devices
MSMF05 PROTEC-MSMF05_12 Datasheet
541Kb / 6P
   MULTI-LINE TVS ARRAY
MSMF05 PROTEC-MSMF05_11 Datasheet
518Kb / 6P
   MULTI-LINE TVS ARRAY
PSMS05 PROTEC-PSMS05_12 Datasheet
711Kb / 8P
   MULTI-LINE TVS ARRAY
PAM20ST6305 PROTEC-PAM20ST6305 Datasheet
565Kb / 6P
   MULTI-LINE TVS ARRAY
SMS05 PROTEC-SMS05_11 Datasheet
707Kb / 8P
   MULTI-LINE TVS ARRAY
CP05 PROTEC-CP05_11 Datasheet
705Kb / 8P
   MULTI-LINE TVS ARRAY
PSMS05 PROTEC-PSMS05_11 Datasheet
710Kb / 8P
   MULTI-LINE TVS ARRAY
SMS05 PROTEC-SMS05_12 Datasheet
710Kb / 8P
   MULTI-LINE TVS ARRAY
MSMF05C PROTEC-MSMF05C_11 Datasheet
540Kb / 6P
   MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com