Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD1P0RF Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # ESD1P0RF
Description  RF ESD Protection Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD1P0RF Datasheet(HTML) 7 Page - Infineon Technologies AG

  ESD1P0RF Datasheet HTML 1Page - Infineon Technologies AG ESD1P0RF Datasheet HTML 2Page - Infineon Technologies AG ESD1P0RF Datasheet HTML 3Page - Infineon Technologies AG ESD1P0RF Datasheet HTML 4Page - Infineon Technologies AG ESD1P0RF Datasheet HTML 5Page - Infineon Technologies AG ESD1P0RF Datasheet HTML 6Page - Infineon Technologies AG ESD1P0RF Datasheet HTML 7Page - Infineon Technologies AG ESD1P0RF Datasheet HTML 8Page - Infineon Technologies AG ESD1P0RF Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
ESD1P0RF...
Package SOT323
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
0.1 MAX.
0.15
+0.1
-0.05
0.3
+0.1
±0.1
0.9
12
3
A
±0.2
2
-0.05
0.65
0.65
M
3x
0.1
0.1
M
0.2
A
0.2
4
2.15
1.1
Pin 1
Pin 1
2005, June
Date code (YM)
BCR108W
Type code
0.6
0.65
0.65
Manufacturer


Similar Part No. - ESD1P0RF

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
ESD1.8V02D-C UNSEMI-ESD1.8V02D-C Datasheet
2Mb / 4P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
ESD1.8V02DS-C UNSEMI-ESD1.8V02DS-C Datasheet
2Mb / 4P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
ESD1.8V88D-CDN UNSEMI-ESD1.8V88D-CDN Datasheet
2Mb / 5P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
ESD1.8V88DS-CDN UNSEMI-ESD1.8V88DS-CDN Datasheet
2Mb / 5P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
logo
Cooper Bussmann, Inc.
ESD10 COOPER-ESD10 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results

Similar Description - ESD1P0RF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD0P8RFL INFINEON-ESD0P8RFL Datasheet
551Kb / 7P
   RF ESD Protection Diodes
2009-02-19
ESD0P8RFL INFINEON-ESD0P8RFL_11 Datasheet
555Kb / 7P
   RF ESD Protection Diodes
2011-06-27
ESD0P4RFL INFINEON-ESD0P4RFL Datasheet
536Kb / 7P
   RF ESD Protection Diodes
2009-02-18
ESD0P4RFL INFINEON-ESD0P4RFL_11 Datasheet
540Kb / 7P
   RF ESD Protection Diodes
2011-06-27
logo
ON Semiconductor
ESD8472MUT5G ONSEMI-ESD8472MUT5G Datasheet
180Kb / 4P
   Ultra-Low Capacitance RF ESD Protection Micro.Packaged Diodes for ESD Protection
September, 2012 ??Rev. 1
ESD1L001 ONSEMI-ESD1L001 Datasheet
457Kb / 6P
   ESD Protection Diodes
May, 2017 ??Rev. 0
ESD7551 ONSEMI-ESD7551 Datasheet
71Kb / 5P
   ESD Protection Diodes
November, 2016 ??Rev. 0
ESD7321 ONSEMI-ESD7321_16 Datasheet
130Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 2
ESD8011 ONSEMI-ESD8011 Datasheet
270Kb / 8P
   ESD Protection Diodes
September, 2015 ??Rev. 3
ESD8101 ONSEMI-ESD8101 Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com