Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD400S65K1 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # DD400S65K1
Description  IGBT-Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DD400S65K1 Datasheet(HTML) 2 Page - Infineon Technologies AG

  DD400S65K1 Datasheet HTML 1Page - Infineon Technologies AG DD400S65K1 Datasheet HTML 2Page - Infineon Technologies AG DD400S65K1 Datasheet HTML 3Page - Infineon Technologies AG DD400S65K1 Datasheet HTML 4Page - Infineon Technologies AG DD400S65K1 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Technische Information / technical information
DD400S65K1
IGBT-Module
IGBT-modules
Modul / module
1
!
"
"
E< 8 & ( ^ 8 & '
+_`ab
' 8
#+
" 4
"
"
9
"
E< 8 & ( ^ 8 J5c
'
* G
1L* '
/H
+_`ab
(8'
#+
V
#
L
6
"
*
$% & ()*8 '
+UC c
/
+
<
<
"
4
*
<
1
4 d
V
#
"
V
#
V
#I
F
#
V
#
V
# F
(.8
(.8
e
#
V
#
V
#I
F
#
V
#
V
# F
.8
.8
+ "
V
0 "
"
# "
9
* 1
f .
9
W
"
" ;P
0
8
#
<
F
X5YZRM & ' ;FG [VH F X\KMYZM & ' ;FG [VH
ERSU]
8
VF#;
<
#
P
eZUC
(
^
<
" 0
8
4
*
8
U & ()*8
F
0
EUUghCCg
8 /
i
^I
P
"
9
Q
;
8 j
*
F 1
8 j # *
$% ?Yk
'(
)*
0
"
;
8 j
*
F 1
8 j # *
$% =l
(
' (
)*
e "
"
ZR\
((
' (
)*
4
"
j
"
"
"
m
<. <
" "
"
"
4
#
d
0 <.
"
"
<
38 (
(8/(
d
4
"
#
4
m
<
<
" "
"
"
4
#
d
0 <
"
"
<
8
'
d
6 0
0 "
6
'
"


Similar Part No. - DD400S65K1

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
DD400S65K1 EUPEC-DD400S65K1 Datasheet
130Kb / 6P
   Dioden-Module
More results

Similar Description - DD400S65K1

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com