Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFY67-08 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # CFY67-08
Description  HiRel K-Band GaAs Super Low Noise HEMT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CFY67-08 Datasheet(HTML) 5 Page - Infineon Technologies AG

  CFY67-08 Datasheet HTML 1Page - Infineon Technologies AG CFY67-08 Datasheet HTML 2Page - Infineon Technologies AG CFY67-08 Datasheet HTML 3Page - Infineon Technologies AG CFY67-08 Datasheet HTML 4Page - Infineon Technologies AG CFY67-08 Datasheet HTML 5Page - Infineon Technologies AG CFY67-08 Datasheet HTML 6Page - Infineon Technologies AG CFY67-08 Datasheet HTML 7Page - Infineon Technologies AG CFY67-08 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CFY67
IFAG IMM RPD D HIR
5 of 8
V2, February 2011
Typical Common Source S-Parameters
CFY67-08: VDS = 2 V, ID = 15 mA, Zo
f
|S11|
<S11
|S21|
<S21
|S12|
<S12
|S22|
<S22 k-Fact. S21/S12 MAG
[GHz] [magn] [angle] [magn] [angle] [magn] [angle] [magn] [angle] [magn]
[dB]
[dB]
0,5
0,963
-15
5,315
165
0,0111
74
0,655
-14
0,40
26,8
1,0
0,938
-23
5,182
159
0,0225
68
0,639
-18
0,39
23,6
1,5
0,913
-33
5,060
150
0,0317
62
0,625
-23
0,42
22,0
2,0
0,889
-42
4,940
142
0,0411
57
0,611
-28
0,43
20,8
2,5
0,865
-52
4,824
133
0,0509
53
0,596
-35
0,43
19,8
3,0
0,844
-62
4,715
124
0,0585
46
0,582
-41
0,45
19,1
3,5
0,823
-72
4,591
115
0,0650
41
0,567
-47
0,47
18,5
4,0
0,800
-81
4,450
107
0,0714
36
0,552
-53
0,50
17,9
4,5
0,779
-91
4,319
99
0,0768
31
0,534
-60
0,52
17,5
5,0
0,761
-100
4,183
91
0,0811
25
0,520
-66
0,54
17,1
5,5
0,743
-109
4,043
83
0,0850
20
0,500
-72
0,58
16,8
6,0
0,725
-117
3,906
75
0,0885
15
0,490
-77
0,60
16,4
6,5
0,708
-125
3,769
68
0,0917
11
0,477
-83
0,63
16,1
7,0
0,690
-132
3,640
61
0,0942
7
0,467
-88
0,67
15,9
7,5
0,673
-139
3,529
54
0,0962
3
0,455
-93
0,71
15,6
8,0
0,656
-146
3,427
48
0,0978
-1
0,442
-97
0,76
15,4
8,5
0,640
-153
3,344
41
0,0998
-5
0,430
-101
0,79
15,3
9,0
0,625
-160
3,271
34
0,1010
-9
0,417
-104
0,84
15,1
9,5
0,611
-168
3,202
28
0,1027
-12
0,406
-108
0,87
14,9
10,0
0,597
-175
3,143
21
0,1033
-16
0,393
-113
0,91
14,8
10,5
0,586
177
3,089
15
0,1044
-20
0,381
-118
0,94
14,7
11,0
0,576
169
3,041
8
0,1056
-24
0,370
-123
0,96
14,6
11,5
0,564
161
3,002
1
0,1068
-28
0,358
-129
0,98
14,5
12,0
0,554
154
2,960
-5
0,1070
-32
0,351
-134
1,01
14,4
13,8
12,5
0,547
146
2,923
-12
0,1076
-36
0,343
-140
1,03
14,3
13,3
13,0
0,536
139
2,886
-19
0,1076
-41
0,336
-146
1,06
14,3
12,7
13,5
0,529
131
2,848
-26
0,1081
-45
0,330
-151
1,09
14,2
12,4
14,0
0,522
124
2,815
-33
0,1087
-50
0,325
-156
1,11
14,1
12,1
14,5
0,517
116
2,787
-40
0,1087
-55
0,320
-161
1,13
14,1
11,9
15,0
0,510
108
2,765
-46
0,1093
-60
0,315
-167
1,14
14,0
11,7
15,5
0,505
99
2,751
-54
0,1090
-65
0,311
-172
1,16
14,0
11,6
16,0
0,502
91
2,735
-61
0,1090
-71
0,305
-177
1,18
14,0
11,4
16,5
0,499
82
2,719
-68
0,1091
-77
0,301
177
1,19
14,0
11,3
17,0
0,498
74
2,722
-75
0,1097
-82
0,297
172
1,19
13,9
11,3
17,5
0,498
68
2,741
-80
0,1103
-87
0,294
168
1,18
14,0
11,4
18,0
0,498
62
2,760
-84
0,1107
-90
0,290
165
1,17
14,0
11,5


Similar Part No. - CFY67-08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CFY67-08 INFINEON-CFY67-08 Datasheet
747Kb / 9P
   HiRel K-Band GaAs Super Low Noise HEMT
September 99
CFY67-08P INFINEON-CFY67-08P Datasheet
747Kb / 9P
   HiRel K-Band GaAs Super Low Noise HEMT
September 99
More results

Similar Description - CFY67-08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CFY67 INFINEON-CFY67 Datasheet
747Kb / 9P
   HiRel K-Band GaAs Super Low Noise HEMT
September 99
CFY66 INFINEON-CFY66 Datasheet
551Kb / 7P
   HiRel K-Band GaAs Super Low Noise HEMT
September 99
CFY25 INFINEON-CFY25 Datasheet
2Mb / 8P
   HiRel X-Band GaAs Low Noise / General Purpose MESFET
logo
Mitsubishi Electric Sem...
MGF4964BL MITSUBISHI-MGF4964BL Datasheet
229Kb / 5P
   Low Noise GaAs HEMT
MGF4953A MITSUBISHI-MGF4953A_11 Datasheet
141Kb / 5P
   Low Noise GaAs HEMT
MGF4953B MITSUBISHI-MGF4953B_11 Datasheet
159Kb / 6P
   Low Noise GaAs HEMT
MGF4936AM MITSUBISHI-MGF4936AM Datasheet
188Kb / 6P
   Low Noise GaAs HEMT
logo
NEC
NE760 NEC-NE760 Datasheet
276Kb / 7P
   LOW NOISE KU-K BAND GAAS MESFET
logo
Mitsubishi Electric Sem...
MGF4963BL MITSUBISHI-MGF4963BL Datasheet
233Kb / 5P
   Low Noise GaAs HEMT
logo
NEC
NE710 NEC-NE710 Datasheet
279Kb / 7P
   LOW NOISE Ku-K BAND GaAs MESFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com