Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS50055-1TMC Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BTS50055-1TMC
Description  Smart Highside High Current Power Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS50055-1TMC Datasheet(HTML) 5 Page - Infineon Technologies AG

  BTS50055-1TMC Datasheet HTML 1Page - Infineon Technologies AG BTS50055-1TMC Datasheet HTML 2Page - Infineon Technologies AG BTS50055-1TMC Datasheet HTML 3Page - Infineon Technologies AG BTS50055-1TMC Datasheet HTML 4Page - Infineon Technologies AG BTS50055-1TMC Datasheet HTML 5Page - Infineon Technologies AG BTS50055-1TMC Datasheet HTML 6Page - Infineon Technologies AG BTS50055-1TMC Datasheet HTML 7Page - Infineon Technologies AG BTS50055-1TMC Datasheet HTML 8Page - Infineon Technologies AG BTS50055-1TMC Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Data Sheet BTS50055-1TMC
Page 5 of 17
2010-April-27
Parameter and Conditions
Symbol
Values
Unit
at Tj = -40 ... +150 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Protection Functions
16)
Short circuit current limit (Tab to pins 1,2,6,7)
17)
VON = 6 V
Tc =-40°C:
Tc =25°C:
Tc =+150°C:
IL(SC)
IL(SC)
IL(SC)
--
45
--
110
130
115
--
180
--
A
Output clamp
18
)
IL= 40 mA:
(inductive load switch off)
see diagram Ind. and overvolt. output clamp page 7
-VOUT(CL)
14
17
20
V
Output clamp (inductive load switch off)
at VOUT = Vbb - VON(CL) (e.g. overvoltage),IL= 40 mA
VON(CL)
39
42
47
V
Thermal overload trip temperature
Tjt
150
--
--
°C
Thermal hysteresis
Tjt
--
10
--
K
Reverse Battery
Reverse battery voltage
19
)
-Vbb
--
--
32
V
On-state resistance (Pins 1,2,6,7 to pin 4)
Tj = 25°C:
Vbb =-12V, VIN=0, IL=- 20 A, RIS =1 k
Ω Tj = 150°C:
RON(rev)
--
5.4
8.9
7.0
12.3
m
Integrated resistor in Vbb line
Rbb
--
120
--
Diagnostic Characteristics
Current sense ratio,
IL = 90 A,Tj =-40°C:
static on-condition,
Tj =25°C:
kILIS = IL : IIS,
Tj =150°C:
VON < 1.5 V
20),
IL = 20 A,Tj =-40°C:
VIS <VOUT - 5V,
Tj =25°C:
VbIN > 4.0 V
Tj =150°C:
see diagram on page 11
IL = 10 A,Tj =-40°C:
Tj =25°C:
Tj =150°C:
IL = 4 A,Tj =-40°C:
Tj =25°C:
Tj =150°C:
kILIS
12 400
12 000
11 400
12 200
12 000
11 500
11 100
11 500
11 400
10 000
11 000
10 600
14 200
13 700
12 800
14 800
14 100
13 200
15 300
14 500
13 300
17 600
15 600
13 800
16 000
15 400
14 200
17 400
16 200
15 000
19 500
17 500
15 200
28 500
22 000
18 000
I
IS=0 by IIN =0 (e.g. during deenergizing of inductive loads):
16) Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as "outside" normal operating range. Protection functions are not
designed for continuous repetitive operation.
17 ) Short circuit is a failure mode. The device is not designed to operate continuously into a short circuit. The
lifetime will be reduced under such conditions.
18
)
This output clamp can be "switched off" by using an additional diode at the IS-Pin (see page 7). If the diode
is used, VOUT is clamped to Vbb- VON(CL) at inductive load switch off.
19
)
The reverse load current through the intrinsic drain-source diode has to be limited by the connected load (as
it is done with all polarity symmetric loads). Note that under off-conditions (IIN = IIS = 0) the power transistor
is not activated. This results in raised power dissipation due to the higher voltage drop across the intrinsic
drain-source diode. The temperature protection is not active during reverse current operation! Increasing
reverse battery voltage capability is simply possible as described on page 8.
20
)
If VON is higher, the sense current is no longer proportional to the load current due to sense current
saturation, see
IIS,lim .


Similar Part No. - BTS50055-1TMC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS50055-1TMA INFINEON-BTS50055-1TMA Datasheet
304Kb / 18P
   Smart Highside High Current Power Switch
2010-April-27
BTS50055-1TMB INFINEON-BTS50055-1TMB Datasheet
299Kb / 18P
   Smart Highside High Current Power Switch
2010-April-27
More results

Similar Description - BTS50055-1TMC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS660P INFINEON-BTS660P Datasheet
707Kb / 16P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS555-E3146 INFINEON-BTS555-E3146 Datasheet
296Kb / 16P
   Smart Highside High Current Power Switch
2010-June-01
BTS550 INFINEON-BTS550 Datasheet
289Kb / 15P
   Smart Highside High Current Power Switch
2010-June-01
BTS550P INFINEON-BTS550P Datasheet
279Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS555 INFINEON-BTS555 Datasheet
302Kb / 16P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS6510 INFINEON-BTS6510 Datasheet
263Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS50055-1TMA INFINEON-BTS50055-1TMA Datasheet
304Kb / 18P
   Smart Highside High Current Power Switch
2010-April-27
BTS50085-1TMB INFINEON-BTS50085-1TMB Datasheet
305Kb / 18P
   Smart Highside High Current Power Switch
2008-Jan-24
BTS6510B INFINEON-BTS6510B Datasheet
264Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS555E3146HKSA1 INFINEON-BTS555E3146HKSA1 Datasheet
296Kb / 16P
   Smart Highside High Current Power Switch
2010-June-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com