Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS6142D Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BTS6142D
Description  Smart High-Side Power Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6142D Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BTS6142D Datasheet HTML 6Page - Infineon Technologies AG BTS6142D Datasheet HTML 7Page - Infineon Technologies AG BTS6142D Datasheet HTML 8Page - Infineon Technologies AG BTS6142D Datasheet HTML 9Page - Infineon Technologies AG BTS6142D Datasheet HTML 10Page - Infineon Technologies AG BTS6142D Datasheet HTML 11Page - Infineon Technologies AG BTS6142D Datasheet HTML 12Page - Infineon Technologies AG BTS6142D Datasheet HTML 13Page - Infineon Technologies AG BTS6142D Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Smart High-Side Power Switch
BTS 6142D
Power Stages
Data Sheet
10
V1.1, 2007-02-28
4
Block Description and Electrical Characteristics
4.1
Power Stages
The power stage is built by a N-channel vertical power MOSFET (DMOS) with charge
pump.
4.1.1
Input Circuit
Figure 4 shows the input circuit of the BTS 6142D. The current source to Vbb ensures
that the device switches off in case of open input pin. The zener diode protects the input
circuit against ESD pulses.
IN
Rbb
I
V
bb
Input.emf
VZ,IN
VIN
I
IN
V
bIN
Figure 4
Input Circuit
A high signal at the required external small signal transistor pulls the input pin to ground.
A logic supply current IIN is flowing and the power DMOS switches on with a dedicated
slope, which is optimized in terms of EMC emission.
VOUT
t
SwitchOn.emf
t
IIN
10%
25%
50%
90%
tON
tOFF
dV/dtON
dV/dtOFF
Figure 5
Switching a Load (resistive)


Similar Part No. - BTS6142D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS6142D INFINEON-BTS6142D Datasheet
337Kb / 30P
   Smart High-Side Power Switch PROFET One Channel, 12 m?
V1.0, October 2005
More results

Similar Description - BTS6142D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com