Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS5210L Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS5210L
Description  Smart High-Side Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5210L Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS5210L Datasheet HTML 1Page - Infineon Technologies AG BTS5210L Datasheet HTML 2Page - Infineon Technologies AG BTS5210L Datasheet HTML 3Page - Infineon Technologies AG BTS5210L Datasheet HTML 4Page - Infineon Technologies AG BTS5210L Datasheet HTML 5Page - Infineon Technologies AG BTS5210L Datasheet HTML 6Page - Infineon Technologies AG BTS5210L Datasheet HTML 7Page - Infineon Technologies AG BTS5210L Datasheet HTML 8Page - Infineon Technologies AG BTS5210L Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
3
V1.1, 2007-05-29
Smart High-Side Power Switch
BTS5210L
Pin Definitions and Functions
Pin
Symbol
Function
1
GND
Ground of chip
2
IN1
4
IN2
Input 1,2 activates channel 1,2 in case of logic
high signal
3
ST1
5
ST2
Diagnostic feedback 1 & 2 of channel 1,2
open drain, low on failure
6,12,
heat
slug
Vbb
Positive power supply voltage. Design the
wiring for the simultaneous max. short circuit
currents from channel 1 to 2 and also for low
thermal resistance
7,9,11
NC
Not Connected
8
OUT2
10
OUT1
Output 1,2 protected high-side power output
of channel 1 and 2. Design the wiring for the
max. short circuit current
Pin configuration
(top view)
GND
1
12 Vbb
IN1
2
11 NC
ST1
3
10 OUT1
IN2
4
9 NC
ST2
5
8 OUT2
Vbb 6
7 NC
V
bb*
* heat slug


Similar Part No. - BTS5210L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210L INFINEON-BTS5210L Datasheet
240Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
More results

Similar Description - BTS5210L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com