Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS5120-2EKA Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BTS5120-2EKA
Description  Smart High-Side Power Switch
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5120-2EKA Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BTS5120-2EKA Datasheet HTML 6Page - Infineon Technologies AG BTS5120-2EKA Datasheet HTML 7Page - Infineon Technologies AG BTS5120-2EKA Datasheet HTML 8Page - Infineon Technologies AG BTS5120-2EKA Datasheet HTML 9Page - Infineon Technologies AG BTS5120-2EKA Datasheet HTML 10Page - Infineon Technologies AG BTS5120-2EKA Datasheet HTML 11Page - Infineon Technologies AG BTS5120-2EKA Datasheet HTML 12Page - Infineon Technologies AG BTS5120-2EKA Datasheet HTML 13Page - Infineon Technologies AG BTS5120-2EKA Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
BTS5120-2EKA
General Product Characteristics
Data Sheet
10
Rev. 2.0, 2010-08-02
PROFET™+ 12V
Notes
1. Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are not
designed for continuous repetitive operation.
Maximum energy dissipation
Single pulse (one channel)
E
AS
––
15
mJ
I
L(0) = 2 A
T
J(0) = 150 °C
V
S = 13.5 V
P_4.1.23
Voltage at power transistor
V
DS
41
V
P_4.1.26
Currents
Current through ground pin
I
GND
-10
-150
–10
20
mA
t < 2 min
P_4.1.27
Temperatures
Junction temperature
T
J
-40
150
°C
P_4.1.28
Storage temperature
T
STG
-55
150
°C
P_4.1.30
ESD Susceptibility
ESD susceptibility (all pins)
V
ESD
-2
2
kV
4) HBM
P_4.1.31
ESD susceptibility OUT Pin
vs. GND and
V
S connected
V
ESD
-4
4
kV
4) HBM
P_4.1.32
ESD susceptibility
V
ESD
-500
500
V
5) CDM
P_4.1.33
ESD susceptibility pin
(corner pins)
V
ESD
-750
750
V
5) CDM
P_4.1.34
1) Not subject to production test. Specified by design.
2) Hardware set-up in accordance to AEC Q100-012 and AEC Q101-006.
3)
V
S(LD) is setup without the DUT connected to the generator per ISO 7637-1.
4) ESD susceptibility HBM according to EIA/JESD 22-A 114B.
5) “CDM” EIA/JESD22-C101 or ESDA STM5.3.1
Table 2
Absolute Maximum Ratings (cont’d)1)
T
J = -40°C to +150°C; (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.


Similar Part No. - BTS5120-2EKA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS5180-2EKA INFINEON-BTS5180-2EKA_11 Datasheet
1Mb / 54P
   Smart High-Side Power Switch
Rev. 2.1, 2011-09-01
More results

Similar Description - BTS5120-2EKA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com