Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS4142N Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BTS4142N
Description  Smart High-Side Power Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS4142N Datasheet(HTML) 1 Page - Infineon Technologies AG

  BTS4142N Datasheet HTML 1Page - Infineon Technologies AG BTS4142N Datasheet HTML 2Page - Infineon Technologies AG BTS4142N Datasheet HTML 3Page - Infineon Technologies AG BTS4142N Datasheet HTML 4Page - Infineon Technologies AG BTS4142N Datasheet HTML 5Page - Infineon Technologies AG BTS4142N Datasheet HTML 6Page - Infineon Technologies AG BTS4142N Datasheet HTML 7Page - Infineon Technologies AG BTS4142N Datasheet HTML 8Page - Infineon Technologies AG BTS4142N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Data Sheet
1
V1.1, 2007-05-29
Smart High-Side Power Switch
BTS4142N
6PDUW+LJK6LGH3RZHU6ZLWFK
&KDQQHO[PΩ
)HDWXUHV
• 6KRUWFLUFXLWSURWHFWLRQ
• &XUUHQWOLPLWDWLRQ
• 2YHUORDGSURWHFWLRQ
• 2YHUYROWDJHSURWHFWLRQ LQFOXGLQJORDGGXPS
• 8QGHUYROWDJHVKXWGRZQZLWKDXWR
UHVWDUWDQGK\VWHUHVLV
• 6ZLWFKLQJLQGXFWLYHORDGV
• &ODPSRIQHJDWLYHYROWDJHDWRXWSXW
ZLWKLQGXFWLYHORDGV
• &026FRPSDWLEOHLQSXW
• 7KHUPDOVKXWGRZQZLWKUHVWDUW
• (6'3URWHFWLRQ
• /RVVRI*1'DQGORVVRI 9EE SURWHFWLRQ
• 9HU\ORZVWDQGE\FXUUHQW
• 5HYHUVHEDWWHU\SURWHFWLRQZLWKH[WHUQDOUHVLVWRU
• ,PSURYHGHOHFWURPDJQHWLFFRPSDWLELOLW\ (0&
3URGXFW6XPPDU\
2YHUYROWDJHSURWHFWLRQ
9EE $=

9
2SHUDWLQJYROWDJH
9EE RQ
 9
2QVWDWHUHVLVWDQFH
521

PΩ
627
VPS05163
1
2
3
4
$SSOLFDWLRQ
• $OOW\SHVRIUHVLVWLYHLQGXFWLYHDQGFDSDFLWLYHORDGV
• —&FRPSDWLEOHSRZHUVZLWFKIRU9DQG9'&DSSOLFDWLRQV
• 5HSODFHVHOHFWURPHFKDQLFDOUHOD\VDQGGLVFUHWHFLUFXLWV
*HQHUDO'HVFULSWLRQ
1FKDQQHOYHUWLFDOSRZHU)(7ZLWKFKDUJHSXPSJURXQGUHIHUHQFHG&026FRPSDWLEOHLQSXW
PRQROLWKLFDOO\LQWHJUDWHGLQ6PDUW6,3026 WHFKQRORJ\
3URYLGLQJHPEHGGHGSURWHFWLYHIXQFWLRQV
PG-SOT-223
• AEC qualified
• Green product (RoHS compliant)


Similar Part No. - BTS4142N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS4142N INFINEON-BTS4142N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
More results

Similar Description - BTS4142N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com