Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4259A-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4259A-1
Description  Single PoE PSE Controller High Capacitance Legacy Device Detection
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4259A-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4259A-1 Datasheet HTML 6Page - Linear Technology LTC4259A-1 Datasheet HTML 7Page - Linear Technology LTC4259A-1 Datasheet HTML 8Page - Linear Technology LTC4259A-1 Datasheet HTML 9Page - Linear Technology LTC4259A-1 Datasheet HTML 10Page - Linear Technology LTC4259A-1 Datasheet HTML 11Page - Linear Technology LTC4259A-1 Datasheet HTML 12Page - Linear Technology LTC4259A-1 Datasheet HTML 13Page - Linear Technology LTC4259A-1 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC4274
10
4274fa
TEST TIMING DIAGRAMS
Figure 1. Detect, Class and Turn-On Timing in AUTO Pin or Semi-Auto Modes
Figure 2. Current Limit Timing
Figure 3. DC Disconnect Timing
Figure 4. Shut Down Delay Timing
Figure 5. I2C Interface Timing
VPORT
INT
tDETDLY
VOC
VEE
tDET
tME1
tME2
VMARK
VCLASS
15.5V
20.5V
tCLE1
tCLE2
tCLE3
PD
CONNECTED
0V
4274 F01
FORCED-CURRENT
CLASSIFICATION
tPON
FORCED-
VOLTAGE
VLIM
VCUT
0V
VSENSE TO VEE
INT
4274 F02
tSTART, tICUT
VMIN
VSENSE
TO VEE
INT
tDIS
tMPS
4274 F03
VGATE
VEE
MSD or
SHDN
tSHDN
tMSD
4274 F04
SCL
SDA
t1
t2
t3
tr
tf
t5
t6
t7
t8
t4
4274 F05


Similar Part No. - LTC4259A-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4259A-1 LINER-LTC4259A-1 Datasheet
421Kb / 32P
   Quad IEEE 802.3af Power over Ethernet Controller with AC Disconnect
LTC4259A-1 LINER-LTC4259A-1 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
LTC4259A-1 LINER-LTC4259A-1 Datasheet
337Kb / 24P
   Single IEEE 802.3af Compliant PSE Controller with Internal Switch
LTC4259A-1 LINER-LTC4259A-1_15 Datasheet
427Kb / 32P
   Quad IEEE 802.3af Power over Ethernet Controller with AC Disconnect
More results

Similar Description - LTC4259A-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4274 LINER-LTC4274_15 Datasheet
362Kb / 28P
   Single PoE PSE Controller
LTC4274A LINER-LTC4274A Datasheet
724Kb / 30P
   Single PoE/PoE/LTPoE PSE Controller
LTC4274A LINER-LTC4274A_15 Datasheet
360Kb / 30P
   Single PoE/PoE/LTPoE PSE Controller
LTC4274C LINER-LTC4274C_15 Datasheet
360Kb / 30P
   Single PoE/PoE/LTPoE PSE Controller
LTC4279 LINER-LTC4279 Datasheet
473Kb / 10P
   Single Port PoE/PoE/LTPoE PSE Controller
logo
Microchip Technology
PD39210 MICROCHIP-PD39210 Datasheet
638Kb / 22P
   PoE PSE Controller
2020
PD69200 MICROCHIP-PD69200 Datasheet
384Kb / 20P
   PoE PSE Controller
A March 2020
PD69210 MICROCHIP-PD69210 Datasheet
485Kb / 21P
   PoE PSE Controller Datasheet
2020
logo
Linear Technology
LTC4266A LINER-LTC4266A_15 Datasheet
374Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
LTC4266A LINER-LTC4266A Datasheet
755Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com