Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS740S2 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BTS740S2
Description  Smart High-Side Power Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS740S2 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BTS740S2_07 Datasheet HTML 4Page - Infineon Technologies AG BTS740S2_07 Datasheet HTML 5Page - Infineon Technologies AG BTS740S2_07 Datasheet HTML 6Page - Infineon Technologies AG BTS740S2_07 Datasheet HTML 7Page - Infineon Technologies AG BTS740S2_07 Datasheet HTML 8Page - Infineon Technologies AG BTS740S2_07 Datasheet HTML 9Page - Infineon Technologies AG BTS740S2_07 Datasheet HTML 10Page - Infineon Technologies AG BTS740S2_07 Datasheet HTML 11Page - Infineon Technologies AG BTS740S2_07 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Data Sheet
8
V1.0, 2007-05-13
Smart High-Side Power Switch
BTS740S2
Truth Table
Input 1
Output 1
Status 1
Current
Sense 1
Input 2
Output 2
Status 2
Current
Sense 2
level
level
level
IIS
Normal
operation
L
H
L
H
H
L
0
nominal
Current-
limitation
L
H
L
H
H
H
0
0
Short circuit to
GND
L
H
L
L21)
H
H
0
0
Over-
temperature
L
H
L
L
H
H
0
0
Short circuit to
Vbb
L
H
H
H
L22)
L
0
<nominal 23)
Open load
L
H
L24)
H
H (L25))
L
0
0
Undervoltage
L
H
L
L
H
L
0
0
Overvoltage
L
H
L
L
H
L
0
0
Negative output
voltage clamp
L
L
H
0
L = "Low" Level
X = don't care
Z = high impedance, potential depends on external circuit
H = "High" Level
Status signal after the time delay shown in the diagrams (see fig 5. page 13)
Parallel switching of channel 1 and 2 is possible by connecting the inputs and outputs in parallel. The status
outputs ST1 and ST2 have to be configured as a 'Wired OR' function with a single pull-up resistor. The current
sense outputs IS1 and IS2 have to be connected with a single pull-down resistor.
Terms
352)(7
9
,6
67
*1'
EE
967
9,1
,67
,,1
9EE
,EE
,*1'


/HDGIUDPH


,1
9,6
,,6
9287
921
, /
287

5*1'
&KLS
352)(7
9
,6
67
*1'
EE
967
9,1
,67
,,1
,*1'


/HDGIUDPH


,1
9,6
,,6
9287
921
287

,/
5*1'
&KLS
Leadframe (Vbb) is connected to pin 1,10,11,12,15,16,19,20
External RGND optional; two resistors RGND1, RGND2 = 150
Ω or a single resistor RGND =75 Ω for reverse
battery protection up to the max. operating voltage.
21
) The voltage drop over the power transistor is V
bb-VOUT > 3V typ. Under this condition the sense current IIS is
zero
22) An external short of output to Vbb, in the off state, causes an internal current from output to ground. If RGND
is used, an offset voltage at the GND and ST pins will occur and the VST low signal may be errorious.
23
) Low ohmic short to Vbb may reduce the output current IL and therefore also the sense current IIS.
24
) Power Transistor off, high impedance


Similar Part No. - BTS740S2_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS740S2 INFINEON-BTS740S2 Datasheet
482Kb / 15P
   Smart High-Side Power Switch Two Channels: 2 x 30m??Current Sense
2003-Oct-01
More results

Similar Description - BTS740S2_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com