Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS724G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BTS724G
Description  Smart High-Side Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS724G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BTS724G_07 Datasheet HTML 5Page - Infineon Technologies AG BTS724G_07 Datasheet HTML 6Page - Infineon Technologies AG BTS724G_07 Datasheet HTML 7Page - Infineon Technologies AG BTS724G_07 Datasheet HTML 8Page - Infineon Technologies AG BTS724G_07 Datasheet HTML 9Page - Infineon Technologies AG BTS724G_07 Datasheet HTML 10Page - Infineon Technologies AG BTS724G_07 Datasheet HTML 11Page - Infineon Technologies AG BTS724G_07 Datasheet HTML 12Page - Infineon Technologies AG BTS724G_07 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
9
V1.0, 2007-05-13
Smart High-Side Power Switch
BTS724G
Input circuit (ESD protection), IN1 to IN4
,1
*1'
,
5
(6'='
,,
,
The use of ESD zener diodes as voltage clamp at DC
conditions is not recommended.
Status output, ST1/2 or ST3/4
67
*1'
(6'
='
9
5 67 21
ESD-Zener diode: 6.1 V typ., max 0.3 mA; RST(ON) < 375 Ω
at 1.6 mA. The use of ESD zener diodes as voltage clamp at
DC conditions is not recommended.
Inductive and overvoltage output clamp,
OUT1...4
9EE
287
9=
9 21
3RZHU *1'
VON clamped to VON(CL) = 47 V typ.
Overvolt. and reverse batt. protection
 9EE
,1
67
67
5
*1'
*1'
5
6LJQDO *1'
/RJLF
9=
,
5
9=
/RDG*1'
/RDG
5
287
67
5
 9
VZ1 = 6.1 V typ., VZ2 = 47 V typ., RGND = 150
Ω,
RST= 15 k
Ω, RI= 3.5 kΩ typ.
In case of reverse battery the load current has to be
limited by the load. Temperature protection is not
active
Open-load detection, OUT1...4
OFF-state diagnostic condition:
Open Load, if
VOUT > 3 V typ.; IN low
2SHQ ORDG
GHWHFWLRQ
/RJLF
XQLW
9287
6LJQDO *1'
2))
5(;7
9EE
GND disconnect
352)(7
9
,1
67
287
*1'
EE
9EE 9,1 967
9*1'
Any kind of load. In case of IN = high is
VOUT
VIN - VIN(T+).
Due to VGND > 0, no VST = low signal available.


Similar Part No. - BTS724G_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS724G INFINEON-BTS724G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
More results

Similar Description - BTS724G_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com