Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS716G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BTS716G
Description  Smart High-Side Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS716G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BTS716G_07 Datasheet HTML 2Page - Infineon Technologies AG BTS716G_07 Datasheet HTML 3Page - Infineon Technologies AG BTS716G_07 Datasheet HTML 4Page - Infineon Technologies AG BTS716G_07 Datasheet HTML 5Page - Infineon Technologies AG BTS716G_07 Datasheet HTML 6Page - Infineon Technologies AG BTS716G_07 Datasheet HTML 7Page - Infineon Technologies AG BTS716G_07 Datasheet HTML 8Page - Infineon Technologies AG BTS716G_07 Datasheet HTML 9Page - Infineon Technologies AG BTS716G_07 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet
6
V1.0, 2007-05-13
Smart High-Side Power Switch
BTS716G
Parameter and Conditions, each of the four channels
Symbol
Values
Unit
at Tj = -40...+150°C,
Vbb = 12 V unless otherwise specified
min
typ
max
Operating Parameters
Operating voltage
Vbb(on)
5.5
--
40
V
Undervoltage switch off10)
Tj =-40...25°C: Vbb(u so)
--
--
4.5
V
Tj =125°C:
--
--
4.511)
Overvoltage protection12)
I bb = 40 mA
Vbb(AZ)
41
47
52
V
Standby current13)
Tj =-40°C...25°C:
VIN =0; see diagram page 11
Tj =150°C:
Ibb(off)
--
--
9
--
16
24
µA
Tj =125°C:
--
--
1611)
Off-State output current (included in
Ibb(off))
VIN = 0; each channel
IL(off)
--
1
5
µA
Operating current 14),
VIN = 5V,
IGND = IGND1 + IGND2,
one channel on:
all channels on:
IGND
--
--
0.5
1.9
0.9
3.3
mA
Protection Functions15)
Current limit, Vout = 0V, (see timing diagrams, page 12)
Tj =-40°C:
Tj =25°C:
Tj =+150°C:
IL(lim)
--
--
5
--
9
--
14
--
--
A
Repetitive short circuit current limit,
Tj = Tjt
each channel
two,three or four parallel channels
(see timing diagrams, page 12)
IL(SCr)
--
--
6.5
6.5
--
--
A
Initial short circuit shutdown time
Tj,start =25°C:
Vout = 0V
(see timing diagrams on page 12)
toff(SC)
--
2
--
ms
Output clamp (inductive load switch off)16)
at VON(CL) = Vbb - VOUT, IL= 40 mA
VON(CL)
41
47
52
V
Thermal overload trip temperature
Tjt
150
--
--
°C
Thermal hysteresis
∆Tjt
--
10
--
K
10) is the voltage, where the device doesn´t change it´s switching condition for 15ms after the supply voltage
falling below the lower limit of Vbb(on)
11
) not subject to production test, specified by design
12
) Supply voltages higher than V
bb(AZ) require an external current limit for the GND and status pins (a 150
resistor for the GND connection is recommended). See also
VON(CL) in table of protection functions and
circuit diagram on page 9.
13
) Measured with load; for the whole device; all channels off
14
) Add IST, if IST > 0
15
) Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as "outside" normal operating range. Protection functions are not
designed for continuous repetitive operation.
16
) If channels are connected in parallel, output clamp is usually accomplished by the channel with the lowest
VON(CL)


Similar Part No. - BTS716G_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS716GB INFINEON-BTS716GB Datasheet
320Kb / 16P
   Smart High-Side Power Switch Four Chanmels : 4 x 140m廓 Status Feedback
V1.0, 2007-05-13
More results

Similar Description - BTS716G_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com