Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3850 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3850
Description  550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3850 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3850 Datasheet HTML 4Page - Linear Technology LTC3850 Datasheet HTML 5Page - Linear Technology LTC3850 Datasheet HTML 6Page - Linear Technology LTC3850 Datasheet HTML 7Page - Linear Technology LTC3850 Datasheet HTML 8Page - Linear Technology LTC3850 Datasheet HTML 9Page - Linear Technology LTC3850 Datasheet HTML 10Page - Linear Technology LTC3850 Datasheet HTML 11Page - Linear Technology LTC3850 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
//htmlimg2.alldatasheet.com/htmldatasheet2/416452/LINER/LTC3850/1242/8/LTC3850.png


Similar Part No. - LTC3850

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3850 LINER-LTC3850 Datasheet
522Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
logo
Analog Devices
LTC3850 AD-LTC3850 Datasheet
1Mb / 34P
   40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
logo
Linear Technology
LTC3850 LINER-LTC3850 Datasheet
2Mb / 40P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
logo
Analog Devices
LTC3850 AD-LTC3850 Datasheet
476Kb / 26P
   Surge Stopper
logo
Linear Technology
LTC3850 LINER-LTC3850 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
More results

Similar Description - LTC3850

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3729 LINER-LTC3729_15 Datasheet
353Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3729 LINER-LTC3729 Datasheet
342Kb / 28P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3729L-6 LINER-LTC3729L-6_15 Datasheet
353Kb / 28P
   PolyPhase, Synchronous Step-Down Switching Regulator
LTC3729L-6 LINER-LTC3729L-6 Datasheet
347Kb / 28P
   PolyPhase, Synchronous Step-Down Switching Regulator
LTC1629-6 LINER-LTC1629-6_15 Datasheet
306Kb / 28P
   PolyPhase, Synchronous Step-Down Switching Regulator
LTC1629 LINER-LTC1629 Datasheet
330Kb / 28P
   PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1629 LINER-LTC1629_15 Datasheet
345Kb / 28P
   PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1629-PG LINER-LTC1629-PG_15 Datasheet
345Kb / 28P
   PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1735-1 LINER-LTC1735-1_15 Datasheet
353Kb / 28P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735-1 LINER-LTC1735-1 Datasheet
332Kb / 28P
   High Efficiency Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com