Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSZ900N20NS3G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BSZ900N20NS3G
Description  OptiMOSTM3 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSZ900N20NS3G Datasheet(HTML) 7 Page - Infineon Technologies AG

  BSZ900N20NS3G Datasheet HTML 1Page - Infineon Technologies AG BSZ900N20NS3G Datasheet HTML 2Page - Infineon Technologies AG BSZ900N20NS3G Datasheet HTML 3Page - Infineon Technologies AG BSZ900N20NS3G Datasheet HTML 4Page - Infineon Technologies AG BSZ900N20NS3G Datasheet HTML 5Page - Infineon Technologies AG BSZ900N20NS3G Datasheet HTML 6Page - Infineon Technologies AG BSZ900N20NS3G Datasheet HTML 7Page - Infineon Technologies AG BSZ900N20NS3G Datasheet HTML 8Page - Infineon Technologies AG BSZ900N20NS3G Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BSZ900N20NS3 G
13 Avalanche characteristics
14 Typ. gate charge
I AS=f(t AV); R GS=25 #
V GS=f(Q gate); I D=7.6 A pulsed
parameter: T j(start)
parameter: V DD
15 Drain-source breakdown voltage
16 Gate charge waveforms
V BR(DSS)=f(T j); I D=1 mA
40 V
100 V
160 V
0
2
4
6
8
10
0
1
2
3
4
5
6
7
8
9
Q
gate [nC]
180
190
200
210
220
230
-60
-20
20
60
100
140
180
T
j [
&
C]


Similar Part No. - BSZ900N20NS3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ900N15NS3G INFINEON-BSZ900N15NS3G Datasheet
621Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev.2.1 2010-01-25
More results

Similar Description - BSZ900N20NS3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP110N20NA INFINEON-IPP110N20NA Datasheet
694Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2011-05-11
IPP200N25N3G INFINEON-IPP200N25N3G_11 Datasheet
764Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-07-14
IPP114N12N3G INFINEON-IPP114N12N3G_11 Datasheet
309Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-11-25
IPA126N10N3G INFINEON-IPA126N10N3G Datasheet
283Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-07-09
BSZ520N15NS3G INFINEON-BSZ520N15NS3G Datasheet
625Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev.2.2 2010-01-25
BSC109N10NS3G INFINEON-BSC109N10NS3G Datasheet
661Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev.2.0 2010-03-25
BSZ12DN20NS3G INFINEON-BSZ12DN20NS3G Datasheet
680Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
IPB200N25N3G INFINEON-IPB200N25N3G Datasheet
427Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-10-23
IPB107N20N3G INFINEON-IPB107N20N3G_11 Datasheet
696Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.3 2011-07-14
BSC16DN25NS3G INFINEON-BSC16DN25NS3G Datasheet
545Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
BSC22DN20NS3G INFINEON-BSC22DN20NS3G Datasheet
536Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com