Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS169 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSS169
Description  SIPMOS Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSS169 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSS169 Datasheet HTML 1Page - Infineon Technologies AG BSS169 Datasheet HTML 2Page - Infineon Technologies AG BSS169 Datasheet HTML 3Page - Infineon Technologies AG BSS169 Datasheet HTML 4Page - Infineon Technologies AG BSS169 Datasheet HTML 5Page - Infineon Technologies AG BSS169 Datasheet HTML 6Page - Infineon Technologies AG BSS169 Datasheet HTML 7Page - Infineon Technologies AG BSS169 Datasheet HTML 8Page - Infineon Technologies AG BSS169 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BSS169
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance,
junction - ambient
R thJA
minimal footprint
-
-
350
K/W
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=-10 V, I D=250 µA
100
-
-
V
Gate threshold voltage
V GS(th)
V DS=3 V, I D=50 µA
-2.9
-2.2
-1.8
Drain-source cutoff current
I D(off)
V DS=100 V,
V GS=-10 V, T j=25 °C
-
-
0.1
µA
V DS=100 V,
V GS=-10 V, T j=125 °C
--
10
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
-
10
nA
On-state drain current
I DSS
V GS=0 V, V DS=10 V
90
-
-
mA
Drain-source on-state resistance
R DS(on)
V GS=0 V, I D=0.05 A
-
5.3
12
V GS=10 V, I D=0.17 A
-
2.9
6
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=0.14 A
0.10
0.19
-
S
Threshold voltage V GS(th) sorted in bands
2)
J
V GS(th)
V DS=3 V, I D=50 µA
-2
-
-1.8
V
K
-2.15
-
-1.95
L
-2.3
-
-2.1
M
-2.45
-
-2.25
N
-2.6
-
-2.4
2) Each reel contains transistors out of one band whose identifying letter is printed on the reel label. A specific
band cannot be ordered separately.
Values
Rev. 1.
3
page 2
200
7-02-07


Similar Part No. - BSS169

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSS169 SIEMENS-BSS169 Datasheet
33Kb / 4P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
logo
Infineon Technologies A...
BSS169 INFINEON-BSS169 Datasheet
222Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 1.0 2003-03-26
BSS169 INFINEON-BSS169 Datasheet
498Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 1.8
logo
VBsemi Electronics Co.,...
BSS169 VBSEMI-BSS169 Datasheet
1Mb / 9P
   N-Channel 100 V (D-S) MOSFET
logo
Infineon Technologies A...
BSS169-H6327 INFINEON-BSS169-H6327 Datasheet
498Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 1.8
More results

Similar Description - BSS169

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-01-16
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-26
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com