Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2262-14 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2262-14
Description  12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2262-14 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2262-14 Datasheet HTML 3Page - Linear Technology LTC2262-14 Datasheet HTML 4Page - Linear Technology LTC2262-14 Datasheet HTML 5Page - Linear Technology LTC2262-14 Datasheet HTML 6Page - Linear Technology LTC2262-14 Datasheet HTML 7Page - Linear Technology LTC2262-14 Datasheet HTML 8Page - Linear Technology LTC2262-14 Datasheet HTML 9Page - Linear Technology LTC2262-14 Datasheet HTML 10Page - Linear Technology LTC2262-14 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
21421012p
LTC2142-12/
LTC2141-12/LTC2140-12
POWER REQUIREMENTS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 9)
SYMBOL PARAMETER
CONDITIONS
LTC2142-12
LTC2141-12
LTC2140-12
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
CMOS Output Modes: Full Data Rate and Double Data Rate
VDD
Analog Supply Voltage
(Note 10)
l
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
OVDD
Output Supply Voltage
(Note 10)
l
1.1
1.8
1.9
1.1
1.8
1.9
1.1
1.8
1.9
V
IVDD
Analog Supply Current
DC Input
Sine Wave Input
l
50.9
51.3
TBD
35.9
36.2
TBD
26.9
27
TBD
mA
mA
IOVDD
Digital Supply Current
Sine Wave Input, OVDD = 1.2V
3.8
2.4
1.5
mA
PDISS
Power Dissipation
DC Input
Sine Wave Input, OVDD = 1.2V
l
91.6
96.9
TBD
64.6
68
TBD
48.4
50.4
TBD
mW
mW
LVDS Output Mode
VDD
Analog Supply Voltage
(Note 10)
l
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
OVDD
Output Supply Voltage
(Note 10)
l
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
IVDD
Analog Supply Current
Sine Input, 1.75mA Mode
Sine Input, 3.5mA Mode
l
52.6
53.8
TBD
37.4
38.7
TBD
28.3
29.5
TBD
mA
mA
IOVDD
Digital Supply Current
(0VDD = 1.8V)
Sine Input, 1.75mA Mode
Sine Input, 3.5mA Mode
l
30
57.4
TBD
29.6
57.1
TBD
29.3
56.8
TBD
mA
mA
PDISS
Power Dissipation
Sine Input, 1.75mA Mode
Sine Input, 3.5mA Mode
l
149
200
TBD
121
172
TBD
104
155
TBD
mW
mW
All Output Modes
PSLEEP
Sleep Mode Power
1
1
1
mW
PNAP
Nap Mode Power
10
10
10
mW
PDIFFCLK Power Increase with Differential Encode Mode Enabled
(No Increase for Nap or Sleep Modes)
20
20
20
mW
TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
LTC2142-12
LTC2141-12
LTC2140-12
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
fS
Sampling Frequency
(Note 10)
l
1
65
1
40
1
25
MHz
tL
ENC Low Time (Note 8)
Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
7.3
2
7.69
7.69
500
500
11.88
2
12.5
12.5
500
500
19
2
20
20
500
500
ns
ns
tH
ENC High Time (Note 8)
Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
7.3
2
7.69
7.69
500
500
11.88
2
12.5
12.5
500
500
19
2
20
20
500
500
ns
ns
tAP
Sample-and-Hold
Acquisition Delay Time
000
ns
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Data Outputs (CMOS Modes: Full Data Rate and Double Data Rate)
tD
ENC to Data Delay
CL = 5pF (Note 8)
l
1.1
1.7
3.1
ns
tC
ENC to CLKOUT Delay
CL = 5pF (Note 8)
l
1
1.4
2.6
ns
tSKEW
DATA to CLKOUT Skew
tD – tC (Note 8)
l
0
0.3
0.6
ns
Pipeline Latency
Full Data Rate Mode
Double Data Rate Mode
6
6.5
Cycles
Cycles


Similar Part No. - LTC2262-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2262-14 LINER-LTC2262-14 Datasheet
439Kb / 24P
   10GHz GBW, 1.1nV/Hz Differential Amplifier/ADC Driver
LTC2262-14 LINER-LTC2262-14 Datasheet
3Mb / 28P
   16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC2262-14 LINER-LTC2262-14 Datasheet
4Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2262-14 LINER-LTC2262-14 Datasheet
1,020Kb / 36P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2262-14 LINER-LTC2262-14 Datasheet
899Kb / 28P
   16-Bit, 125/105/80Msps Low Power Dual ADCs Serial SPI Port for Configuration
More results

Similar Description - LTC2262-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2263-12 LINER-LTC2263-12_15 Datasheet
1Mb / 34P
   12-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2140-12 LINER-LTC2140-12_15 Datasheet
1Mb / 38P
   12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2264-12 LINER-LTC2264-12_15 Datasheet
1Mb / 34P
   12-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2142-12 LINER-LTC2142-12_15 Datasheet
1Mb / 38P
   12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2265-12 LINER-LTC2265-12 Datasheet
1Mb / 32P
   12-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC2141-12 LINER-LTC2141-12_15 Datasheet
1Mb / 38P
   12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2265-12 LINER-LTC2265-12_15 Datasheet
1Mb / 34P
   12-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2170-12 LINER-LTC2170-12_15 Datasheet
1Mb / 34P
   12-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
LTC2172-12 LINER-LTC2172-12_15 Datasheet
1Mb / 34P
   12-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
LTC2171-12 LINER-LTC2171-12_15 Datasheet
1Mb / 34P
   12-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com