Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS126 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BSS126
Description  SIPMOS Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSS126 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BSS126_09 Datasheet HTML 1Page - Infineon Technologies AG BSS126_09 Datasheet HTML 2Page - Infineon Technologies AG BSS126_09 Datasheet HTML 3Page - Infineon Technologies AG BSS126_09 Datasheet HTML 4Page - Infineon Technologies AG BSS126_09 Datasheet HTML 5Page - Infineon Technologies AG BSS126_09 Datasheet HTML 6Page - Infineon Technologies AG BSS126_09 Datasheet HTML 7Page - Infineon Technologies AG BSS126_09 Datasheet HTML 8Page - Infineon Technologies AG BSS126_09 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BSS126
1 Power dissipation
2 Drain current
P tot=f(T A)
I D=f(T A); V GS≥10 V
3 Safe operating area
4 Max. transient thermal impedance
I D=f(V GS); V DS=3 V; T j=25 °C
Z thJA=f(t p)
parameter: t p
parameter: D =t p/T
10 µs
100 µs
1 ms
10 ms
DC
10
3
10
2
10
1
10
0
10
-1
10
-2
10
-3
10
-4
V DS [V]
limited by on-state
resistance
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10
2
10
1
10
0
10
-1
10
-2
10
-3
10
-4
10
3
10
2
10
1
t p [s]
0
0.1
0.2
0.3
0.4
0.5
0.6
0
40
80
120
160
T A [°C]
0
0.005
0.01
0.015
0.02
0.025
0
40
80
120
160
T A [°C]
Rev. 1.
6
page 4
200
9-08-18


Similar Part No. - BSS126_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS126I INFINEON-BSS126I Datasheet
1Mb / 10P
   SIPMOS® Small-Signal-Transistor
Rev. 2.2, 2022-07-01
More results

Similar Description - BSS126_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-01-16
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-26
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com