Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS123 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSS123
Description  SIPMOS Small-Signal-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSS123 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSS123 Datasheet HTML 1Page - Infineon Technologies AG BSS123 Datasheet HTML 2Page - Infineon Technologies AG BSS123 Datasheet HTML 3Page - Infineon Technologies AG BSS123 Datasheet HTML 4Page - Infineon Technologies AG BSS123 Datasheet HTML 5Page - Infineon Technologies AG BSS123 Datasheet HTML 6Page - Infineon Technologies AG BSS123 Datasheet HTML 7Page - Infineon Technologies AG BSS123 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2010-05-12
Page 1
Rev. 1.41
BSS123
SIPMOS Small-Signal-Transistor
Product Summary
VDS
100
V
RDS(on)
6
ID
0.17
A
Feature
• N-Channel
• Enhancement mode
• Logic Level
• dv/dt rated
PG-SOT23
1
2
3
VPS05161
Gate
pin1
Drain
pin 3
Source
pin 2
Marking
SAs
SAs
Type
Package
Pb-free
Tape and Reel Information
BSS123
PG-SOT23
Yes
L6327: 3000 pcs/reel
BSS123
PG-SOT23
Yes
L6433: 10000 pcs/reel
Maximum Ratings, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Continuous drain current
TA=25°C
TA=70°C
ID
0.17
0.14
A
Pulsed drain current
TA=25°C
ID puls
0.68
Reverse diode dv/dt
IS=0.17A, VDS=80V, di/dt=200A/µs, Tjmax=150°C
dv/dt
6
kV/µs
Gate source voltage
VGS
±20
V
ESD Sensitivity (HBM) as per MIL-STD 883
Class 1a
Power dissipation
TA=25°C
Ptot
0.36
W
Operating and storage temperature
Tj , Tstg
-55... +150
°C
IEC climatic category; DIN IEC 68-1
55/150/56
• Qualified according to AEC Q101


Similar Part No. - BSS123

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS123 PHILIPS-BSS123 Datasheet
56Kb / 4P
   N-channel enhancement mode vertical D-MOS transistor
August 2000 Rev 1.000
logo
Infineon Technologies A...
BSS123 INFINEON-BSS123 Datasheet
3Mb / 8P
   SIPMOS??Small-Signal-Transistor Feature
2010-05-12
logo
FutureWafer Tech Co.,Lt...
BSS123 FUTUREWAFER-BSS123 Datasheet
1Mb / 9P
   N-Channel Enhancement Mode MOSFET
22-May-2021 V2.0
logo
Zetex Semiconductors
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Bruckewell Technology L...
BSS123 BWTECH-BSS123 Datasheet
351Kb / 5P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - BSS123

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-01-16
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-26
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com