Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1769 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1769
Description  Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1769 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1769 Datasheet HTML 4Page - Linear Technology LT1769 Datasheet HTML 5Page - Linear Technology LT1769 Datasheet HTML 6Page - Linear Technology LT1769 Datasheet HTML 7Page - Linear Technology LT1769 Datasheet HTML 8Page - Linear Technology LT1769 Datasheet HTML 9Page - Linear Technology LT1769 Datasheet HTML 10Page - Linear Technology LT1769 Datasheet HTML 11Page - Linear Technology LT1769 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
LTC1760
8
1760fa
TYPICAL PERFORMANCE CHARACTERISTICS
Dual Charging Batteries with
Different Charge State
Dual Battery Discharge Time vs
Sequential Battery Discharge
(Li-Ion)
Dual Battery Dischage Time vs
Sequential Battery Discharge
(NiMH)
Charging Voltage Accuracy
Charging Current Accuracy
Dual Battery Charge Time vs
Sequential Battery Charging
ChargingVoltage() (mV)
4700
–10
–5
0
14428
1760 G01
–15
–20
–25
7132
9564
11996
16860
ChargingCurrent() (mA)
–20
–10
0
10
–15
–5
5
800
1600
2400
3200
1760 G02
4000
0
TIME (MINUTES)
3500
3000
2500
2000
1500
1000
500
0
3500
3000
2500
2000
1500
1000
500
0
1760 G03
0
50
100
150
200
250
300
BAT1
CURRENT
BAT2
CURRENT
SEQUENTIAL
DUAL
BAT1
CURRENT
100
MINUTES
BATTERY TYPE: 10.8V Li-Ion (MOLTECH NI2020)
REQUESTED CURRENT = 3A
REQUESTED VOLTAGE = 12.3V
MAX CHARGER CURRENT = 4.1A
BAT2
CURRENT
BAT2
VOLTAGE
BAT2
CURRENT
BAT1
CURRENT
BAT1
VOLTAGE
BAT1 INITIAL CAPACITY = 0%
BAT2 INITIAL CAPACITY = 90%
PROGRAMMED CHARGER CURRENT = 3A
PROGRAMMED CHARGER VOLTAGE = 16.8V
TIME (MINUTES)
0
120
1760 G04
40
80
160
17.0
16.5
16.0
15.5
15.0
14.5
14.0
13.5
20
60
100
140
3500
3000
2500
2000
1500
1000
500
0
TIME (MINUTES)
0
120
12.0
11.0
10.0
9.0
8.0
12.0
11.0
10.0
9.0
8.0
1760 G05
20
180
40
60
80 100
140 160
BAT1
VOLTAGE
BAT1
VOLTAGE
DUAL
SEQUENTIAL
BAT2
VOLTAGE
BAT2
VOLTAGE
BATTERY TYPE: 10.8V Li-Ion (MOLTECH NI2020)
LOAD CURRENT = 3A
11
MINUTES
TIME (MINUTES)
0
120
20
40
60
80
100
140
15
14
13
12
11
10
15
14
13
12
11
10
1760 G06
BAT2
VOLTAGE
BAT2
VOLTAGE
BAT1
VOLTAGE
BAT1
VOLTAGE
BATTERY TYPE: 12V NiMH (MOLTECH NJ1020)
LOAD: 33W
16
MINUTES
DUAL
SEQUENTIAL


Similar Part No. - LT1769

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1769 LINER-LT1769 Datasheet
214Kb / 16P
   Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
LT1769 LINER-LT1769 Datasheet
315Kb / 28P
   Dual Battery Charger/ Selector with SPI Interface
logo
Linear Integrated Syste...
LT1769 LINEAR-LT1769 Datasheet
219Kb / 16P
   Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
LT1769CFE LINEAR-LT1769CFE Datasheet
219Kb / 16P
   Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
logo
Linear Technology
LT1769CGN LINER-LT1769CGN Datasheet
214Kb / 16P
   Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
More results

Similar Description - LT1769

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1760 LINER-LTC1760 Datasheet
370Kb / 44P
   Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_1 Datasheet
340Kb / 44P
   Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_15 Datasheet
376Kb / 48P
   Dual Smart Battery System Manager
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
   Battery Backup System Manager
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
   Battery Backup System Manager
LT6301 LINER-LT6301_15 Datasheet
252Kb / 16P
   Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
LT6301 LINER-LT6301 Datasheet
225Kb / 16P
   Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
logo
Estek Electronics Co. L...
24C64 ESTEK-24C64_1 Datasheet
1Mb / 12P
   available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259_V01 Datasheet
1,004Kb / 8P
   Battery Manager
2014
logo
KEC(Korea Electronics)
KMC7D0CN20C KEC-KMC7D0CN20C Datasheet
368Kb / 1P
   TSSOP-8 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com