Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4446 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4446
Description  High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4446 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4446 Datasheet HTML 6Page - Linear Technology LTC4446 Datasheet HTML 7Page - Linear Technology LTC4446 Datasheet HTML 8Page - Linear Technology LTC4446 Datasheet HTML 9Page - Linear Technology LTC4446 Datasheet HTML 10Page - Linear Technology LTC4446 Datasheet HTML 11Page - Linear Technology LTC4446 Datasheet HTML 12Page - Linear Technology LTC4446 Datasheet HTML 13Page - Linear Technology LTC4446 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LTC1154
10
1154fb
APPLICATIONS INFORMATION
The Y axis of the graph is normalized to one RC time
constant. The X axis is normalized to the current. (The
set current is defined as the current required to develop
100mV across the drain sense resistor).
Note that the shutdown time is shorter for increasing levels
of MOSFET current. This ensures that the total energy
dissipated by the MOSFET is always within the bounds
established by the manufacturer for safe operation. (See
MOSFET data sheet for further information).
Using a Speed-Up Diode
To reduce the amount of time that the power MOSFET is
in a short-circuit condition, “bypass” the delay resistor
with a small signal diode as shown in Figure 6. The diode
will engage when the drop across the drain sense resistor
exceeds about 0.7V, providing a direct path to the sense pin
and dramatically reducing the amount of time the MOSFET
is in an overload condition. The drain sense resistor value
is selected to limit the maximum DC current to 2.8A. The
diode conducts when the drain current exceeds 20A and
reduces the turn-off time to 15μs.
Reverse Battery Protection
The LTC1154 can be protected against reverse battery
conditions by connecting a resistor in series with the
ground lead as shown in Figure 7. The resistor limits the
supply current to less than 50mA with –12V applied.
Figure 6. Using a Speed-Up Diode
IN
EN
STATUS
GND
VS
DS
G
SD
LTC1154
+
100μF
IRF530
15V
12V
0.036Ω
LTC1154 • F06
0.01μF
100k
1N4148
LOAD
Since the LTC1154 draws very little current while in normal
operation, the drop across the ground resistor is minimal.
The 5V μP (or control logic) is protected by the 10k resis-
tors in series with the input and status pins.
Current Limited Power Supplies
The LTC1154 requires at least 3.5V at the supply pin to
ensure proper operation. It is therefore necessary that the
supply to the LTC1154 be held higher than 3.5V at all times,
even when the output of the switch is short circuited to
ground. The output voltage of a current limited regulator
may drop very quickly during short-circuit and pull the
supply pin of the LTC1154 below 3.5V before the shutdown
circuitry has had time to respond and remove drive from
the gate of the power MOSFET. A supply filter should be
Figure 7. Reverse Battery Protection
Figure 8. Supply Filter for Current Limited Supplies
IN
EN
STATUS
GND
VS
DS
G
SD
LTC1154
MTP12N06
15V
12V
0.05Ω
LTC1154 • F07
LOAD
10k
300Ω
5V
μP OR
CONTROL
LOGIC
+
10μF
10k
10k
120k
5V
10k
IN
EN
STATUS
GND
VS
DS
G
SD
LTC1154
0.1Ω
IRLR024
SHORT-
CIRCUIT
0.1μF
100k
LTC1154 • F08
*20Ω
+
47μF*
+
10μF
1N4148
*SUPPLY FILTER COMPONENTS
+
100μF
5V/2A
REGULATOR
>7V


Similar Part No. - LTC4446

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4446 LINER-LTC4446 Datasheet
193Kb / 12P
   High Voltage High Side/Low Side N-Channel MOSFET Driver
LTC4446 LINER-LTC4446 Datasheet
199Kb / 16P
   N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
logo
Analog Devices
LTC4446 AD-LTC4446 Datasheet
2Mb / 18P
   100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
LTC4446 AD-LTC4446 Datasheet
686Kb / 19P
   100V Half-Bridge GaN Driver with Smart Integrated Bootstrap Switch
Rev 0
logo
Linear Technology
LTC4446EMS8E-PBF LINER-LTC4446EMS8E-PBF Datasheet
193Kb / 12P
   High Voltage High Side/Low Side N-Channel MOSFET Driver
More results

Similar Description - LTC4446

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1154 LINER-LTC1154_15 Datasheet
199Kb / 18P
   High Side Micropower MOSFET Driver
LTC1154 LINER-LTC1154 Datasheet
334Kb / 16P
   High-Side Micropower MOSFET Driver
LTC1155 LINER-LTC1155_15 Datasheet
245Kb / 16P
   Dual High Side Micropower MOSFET Driver
LTC1155 LINER-LTC1155 Datasheet
340Kb / 16P
   Dual High Side Micropower MOSFET Driver
logo
Toshiba Semiconductor
TPD7102F TOSHIBA-TPD7102F_13 Datasheet
269Kb / 16P
   1 channel High-Side N channel Power MOSFET Gate Driver
TPD7102F TOSHIBA-TPD7102F Datasheet
268Kb / 16P
   1 channel High-Side N channel Power MOSFET Gate Driver
TPD7104F TOSHIBA-TPD7104F Datasheet
589Kb / 13P
   1 channel High-Side N channel Power MOSFET Gate Driver
logo
Linear Technology
LTC1157 LINER-LTC1157 Datasheet
221Kb / 8P
   3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
LTC1157 LINER-LTC1157_15 Datasheet
207Kb / 8P
   3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
logo
Maxim Integrated Produc...
MAX1614 MAXIM-MAX1614 Datasheet
87Kb / 8P
   High-Side, N-Channel MOSFET Switch Driver
19-1176; Rev 0; 12/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com