Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT5400BIMS8E-2 Datasheet(PDF) 7 Page - Linear Technology

Part # LT5400BIMS8E-2
Description  Quad Matched Resistor Network Long-Term Stability: <2ppm at 2000 Hrs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5400BIMS8E-2 Datasheet(HTML) 7 Page - Linear Technology

  LT5400BIMS8E-2 Datasheet HTML 1Page - Linear Technology LT5400BIMS8E-2 Datasheet HTML 2Page - Linear Technology LT5400BIMS8E-2 Datasheet HTML 3Page - Linear Technology LT5400BIMS8E-2 Datasheet HTML 4Page - Linear Technology LT5400BIMS8E-2 Datasheet HTML 5Page - Linear Technology LT5400BIMS8E-2 Datasheet HTML 6Page - Linear Technology LT5400BIMS8E-2 Datasheet HTML 7Page - Linear Technology LT5400BIMS8E-2 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
//htmlimg2.alldatasheet.com/htmldatasheet2/416323/LINER/LT5400BIMS8E-2/1135/7/LT5400BIMS8E-2.png


Similar Part No. - LT5400BIMS8E-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5400 LINER-LT5400 Datasheet
537Kb / 24P
   140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
LT5400 LINER-LT5400 Datasheet
258Kb / 12P
   Quad Matched Resistor Network
LT5400 LINER-LT5400 Datasheet
437Kb / 20P
   Dual Micropower, 5V/關s Precision Rail-to-Rail Output Amplifier
LT5400 LINER-LT5400 Datasheet
770Kb / 22P
   Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
logo
Analog Devices
LT5400 AD-LT5400 Datasheet
939Kb / 16P
   Matched Resistor Network for Precision Amplifiers
More results

Similar Description - LT5400BIMS8E-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5400 LINER-LT5400_15 Datasheet
258Kb / 12P
   Quad Matched Resistor Network
logo
Silicon Laboratories
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
   Excellent long term stability
logo
Laird Tech Smart Techno...
300X LSTD-300X Datasheet
229Kb / 1P
   Excellent long term stability
logo
Silicon Laboratories
SI7021-A10 SILABS-SI7021-A10 Datasheet
580Kb / 33P
   Excellent long term stability
SI7023-A10 SILABS-SI7023-A10 Datasheet
765Kb / 25P
   Excellent long term stability
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
   Excellent long term stability
logo
MKS Instruments.
629F MKS-629F Datasheet
179Kb / 2P
   Excellent long-term stability
logo
Silicon Laboratories
SI7006-A10 SILABS-SI7006-A10 Datasheet
924Kb / 34P
   Excellent long term stability
logo
TE Connectivity Ltd
FPS2800B12C4 TEC-FPS2800B12C4 Datasheet
158Kb / 5P
   Highly reliable and long term stability
logo
Analog Devices
ADXL354 AD-ADXL354 Datasheet
1Mb / 42P
   Hermetic package offers excellent long-term stability
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com