Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3723-1 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3723-1
Description  Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3723-1 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3723-1 Datasheet HTML 5Page - Linear Technology LTC3723-1 Datasheet HTML 6Page - Linear Technology LTC3723-1 Datasheet HTML 7Page - Linear Technology LTC3723-1 Datasheet HTML 8Page - Linear Technology LTC3723-1 Datasheet HTML 9Page - Linear Technology LTC3723-1 Datasheet HTML 10Page - Linear Technology LTC3723-1 Datasheet HTML 11Page - Linear Technology LTC3723-1 Datasheet HTML 12Page - Linear Technology LTC3723-1 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LT4430
9
4430fb
preventing overshoot. A capacitor, connected from the OC
pin to GND and charged by internal 8.5μA current source
IOC, sets the ramp rate. On start-up, Q1 actively holds the
OC capacitor low until VIN of the LT4430 reaches its typi-
cal undervoltage lockout threshold of 2.2V. Q1 then turns
off and the OC capacitor charges linearly. Q2 and Q3 OR
the OC pin voltage and the 600mV reference voltage at
the noninverting terminal of the error amplifier. The OC
pin voltage is the reference voltage for the error amplifier
until it increases above 600mV. If the feedback loop is in
control, the FB pin voltage follows and regulates to the OC
pin voltage. As the OC pin voltage increases past 600mV,
the reference voltage takes control of the error amplifier
and the FB pin regulates to 600mV. The OC pin voltage
increases until it is internally clamped by R2, Q6 and V1.
The OC pin’s typical clamp voltage of 0.93V ensures that
Q3 turns off. All of I1’s current flows in Q2, matching I2’s
current in Q4.
In a short-circuit condition, the output voltage decreases to
something well below the regulated level. The error ampli-
fier reacts by increasing the COMP pin voltage, thereby
decreasing the drive to the opto-coupler. The decreased
opto-coupler bias signals the primary-side controller to
increase the amount of power it delivers in an attempt to
raise the output voltage back to its regulated value. As
long as the fault persists, the output voltage remains low.
The error amplifier’s COMP pin voltage increases until it
reaches a clamp level set by Q7 and V2. Q7’s resultant
collector current drives internal logic that closes normally
open switch S1. This action activates the overshoot control
amplifier which employs a unity-gain follower configura-
tion. The overshoot control amplifier monitors the FB pin
voltage and, on S1’s closing, pulls the OC pin voltage
down to the FB pin voltage plus a built-in offset voltage
of typically 48mV. The built-in offset voltage serves two
purposes. First, the offset voltage prevents the overshoot
control amplifier from interfering with normal transient
operating conditions. Second, the offset voltage biases
the feedback loop so that if the short-circuit condition
ends, the feedback loop immediately starts to increase
the output voltage to its regulated value.
Block Diagram Operation
A precision voltage reference, a high-bandwidth error
amplifier, an inverting opto-coupler driver and an overshoot
control amplifier comprise the LT4430. Referring to the
block diagram, a start-up circuit establishes all internal
current and voltage biasing for the IC. A precision-trimmed
bandgap generates the 600mV reference voltage and a
1.1V bias voltage for the opto-coupler driver. Room tem-
perature reference voltage accuracy is specified at ±0.75%
and operating temperature range tolerance is specified at
±1.25%. The 600mV reference ties to the noninverting
input of the error amplifier.
The LT4430 error amplifier senses the output voltage
through an external resistor divider and regulates the
FB pin to 600mV. The FB pin ties to the inverting input
of the error amplifier. The error amplifier’s open loop DC
gain is 80dB and its unity-gain crossover frequency of
9MHz provides negligible phase shift at typical feedback
loop crossover frequencies. The error amplifier is a true
voltage-mode amplifier and frequency compensation con-
nects around the amplifier. Typical LT4430 compensation
schemes use series R-C in parallel with C networks from
the COMP pin to the FB pin.
The opto-coupler driver amplifies the voltage difference
between the COMP pin and the 1.1V bias potential applied
to its noninverting terminal with an inverting gain of 6. This
signal drives the opto-coupler referenced to GND. Driving
the opto-coupler referenced to GND accommodates low
output voltages and simplifies loop frequency compen-
sation as the secondary feedback path with a traditional
“431” topology is eliminated. A resistor in series with the
opto-coupler sets the opto-coupler’s DC bias current. The
opto driver amplifier sources a guaranteed maximum of
10mA, sinks 350μA typically and is short-circuit protected.
The opto-coupler driver amplifier’s typical –3dB bandwidth
is 600kHz. The opto-coupler’s output crosses the galvanic
isolation barrier and closes the feedback loop to the pri-
mary-side controller.
The LT4430 incorporates a unique overshoot control
function that allows the user to ramp the output voltage
on start-up and recovery from short-circuit conditions,
APPLICATIONS INFORMATION


Similar Part No. - LTC3723-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1 Datasheet
339Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-1 LINER-LTC3723-1 Datasheet
282Kb / 20P
   Synchronous Rectifier Driver for Forward Converters
LTC3723-1 LINER-LTC3723-1 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
More results

Similar Description - LTC3723-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4430 LINER-LT4430_15 Datasheet
575Kb / 26P
   Secondary-Side Opto-Coupler Driver
logo
List of Unclassifed Man...
OC250 ETC1-OC250 Datasheet
196Kb / 2P
   Opto Coupler
logo
Voltage Multipliers Inc...
OC250 VMI-OC250 Datasheet
200Kb / 2P
   Opto Coupler
logo
List of Unclassifed Man...
OC100 ETC-OC100 Datasheet
157Kb / 2P
   Opto Coupler
logo
Voltage Multipliers Inc...
OC100HG VMI-OC100HG Datasheet
126Kb / 3P
   Opto Coupler
OC100 VMI-OC100 Datasheet
122Kb / 2P
   Opto Coupler
OC250 VMI-OC250_13 Datasheet
106Kb / 2P
   Opto Coupler ??Epoxy Molded
logo
Linear Technology
LT3804 LINER-LT3804_15 Datasheet
265Kb / 16P
   Secondary Side Dual Output Controller with Opto Driver
LT3804 LINER-LT3804 Datasheet
264Kb / 16P
   Secondary Side Dual Output Controller with Opto Driver
logo
Isahaya Electronics Cor...
M57159L-01R ISAHAYA-M57159L-01R Datasheet
313Kb / 7P
   Built-in high CMR opto-coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com