Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3725 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3725
Description  Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3725 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3725 Datasheet HTML 6Page - Linear Technology LTC3725 Datasheet HTML 7Page - Linear Technology LTC3725 Datasheet HTML 8Page - Linear Technology LTC3725 Datasheet HTML 9Page - Linear Technology LTC3725 Datasheet HTML 10Page - Linear Technology LTC3725 Datasheet HTML 11Page - Linear Technology LTC3725 Datasheet HTML 12Page - Linear Technology LTC3725 Datasheet HTML 13Page - Linear Technology LTC3725 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LT4430
10
4430fb
If the fault condition ceases, the output voltage increases.
In response, the error amplifier COMP pin’s voltage
decreases. This action opens switch S1, deactivates the
overshoot control amplifier and allows the OC pin capacitor
to charge. The FB pin voltage increases quickly until the
FB pin voltage exceeds the OC pin voltage. The feedback
loop increases the drive to the opto-coupler until the FB
pin follows and regulates to the OC pin voltage. Again, as
the OC pin voltage increases past 600mV, the reference
voltage takes control of the error amplifier and the FB pin
regulates to 600mV.
Generating a VIN Bias Supply
Biasing an LT4430 is crucial to proper operation. If the
overshoot control (OC) function is not being used and the
output voltage is greater than 3.3V, the IC may be biased
from VOUT. In these cases, it is the user’s responsibility to
verify large-signal start-up and fault recovery behavior.
If the overshoot control function is being used or the
output voltage is below the LT4430’s minimum operat-
ing voltage of 3V, employing an alternate bias method is
necessary. The LT4430’s undervoltage lockout (UVLO)
circuitry, controlled by VIN, resets and holds the OC pin
capacitor low for VIN less than 2.2V. When VIN increases
above 2.2V, the circuit releases the OC pin capacitor. The
LT4430’s supply voltage must come up faster than the
output voltage to assert loop control and limit output volt-
age overshoot. In most cases, a few simple components
accomplish this task. Adding a few biasing components
to control overshoot is advantageous. Let’s examine bias
circuits for different topologies.
Figures 1a to 1e illustrate bias supply circuits for the
flyback converter. Figure 1a shows the typical flyback
output connection. Figures 1b and 1c exhibit equivalent
circuit performance but rotate the rectifier connection to
the ground-referred side. This connection permits the user
to take advantage of the transformer secondary’s forward
behavior when the primary-side switch is on.
Figures 1d to 1e illustrate the bias generator circuit.
VIN • N volts appear across the secondary winding when
the primary-side switch is on. D2 forward biases and C1
charges. During this time, the secondary-voltage is in
series with VOUT and C1 ultimately charges to (VIN • N +
VOUT – VF). VF is the forward voltage of D2. When VOUT
is zero at start-up, VIN • N volts exists to charge C1. C1 is
generally much smaller in value than COUT and the bias
supply starts up ahead of VOUT. R1 in Figures 1d and
1e limits peak charging currents, lowering D2’s current
rating. R1 also filters C1 from peak-charging to the volt-
age spikes induced by the secondary winding’s leakage
inductance. Between 1
Ω to 10Ω is generally sufficient. R1
is usually necessary if C1 is a low ESR ceramic capacitor
or if the transformer has high leakage inductance. It may
be possible to eliminate R1 if C1 is a low cost, high ESR,
surface-mount tantalum.
VIN variation changes the bias supply in Figure 1d. Depend-
ing on VOUT, the transformer turns ratio N and VIN range,
the bias supply may exceed the LT4430’s 20V VIN absolute
maximum rating. If this occurs, two solutions exist. One
is to tap the secondary-side inductor to create a lower
voltage from which to rectify as illustrated in Figure 2a.
The bias voltage decreases to (VIN • N1/N + VOUT – VF).
This solution relies on secondary-side pins being available
for the tap point.
APPLICATIONS INFORMATION


Similar Part No. - LTC3725

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3725 LINER-LTC3725 Datasheet
271Kb / 20P
   Single-Switch Forward Controller and Gate Driver
LTC3725 LINER-LTC3725 Datasheet
282Kb / 20P
   Synchronous Rectifier Driver for Forward Converters
LTC3725 LINER-LTC3725 Datasheet
275Kb / 20P
   Single-Switch Forward Controller and Gate Driver
LTC3725EMSE LINER-LTC3725EMSE Datasheet
271Kb / 20P
   Single-Switch Forward Controller and Gate Driver
LTC3725EMSEPBF LINER-LTC3725EMSEPBF Datasheet
271Kb / 20P
   Single-Switch Forward Controller and Gate Driver
More results

Similar Description - LTC3725

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4430 LINER-LT4430_15 Datasheet
575Kb / 26P
   Secondary-Side Opto-Coupler Driver
logo
List of Unclassifed Man...
OC250 ETC1-OC250 Datasheet
196Kb / 2P
   Opto Coupler
logo
Voltage Multipliers Inc...
OC250 VMI-OC250 Datasheet
200Kb / 2P
   Opto Coupler
logo
List of Unclassifed Man...
OC100 ETC-OC100 Datasheet
157Kb / 2P
   Opto Coupler
logo
Voltage Multipliers Inc...
OC100HG VMI-OC100HG Datasheet
126Kb / 3P
   Opto Coupler
OC100 VMI-OC100 Datasheet
122Kb / 2P
   Opto Coupler
OC250 VMI-OC250_13 Datasheet
106Kb / 2P
   Opto Coupler ??Epoxy Molded
logo
Linear Technology
LT3804 LINER-LT3804_15 Datasheet
265Kb / 16P
   Secondary Side Dual Output Controller with Opto Driver
LT3804 LINER-LT3804 Datasheet
264Kb / 16P
   Secondary Side Dual Output Controller with Opto Driver
logo
Isahaya Electronics Cor...
M57159L-01R ISAHAYA-M57159L-01R Datasheet
313Kb / 7P
   Built-in high CMR opto-coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com