Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT4430MPS6 Datasheet(PDF) 2 Page - Linear Technology

Part # LT4430MPS6
Description  Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4430MPS6 Datasheet(HTML) 2 Page - Linear Technology

  LT4430MPS6 Datasheet HTML 1Page - Linear Technology LT4430MPS6 Datasheet HTML 2Page - Linear Technology LT4430MPS6 Datasheet HTML 3Page - Linear Technology LT4430MPS6 Datasheet HTML 4Page - Linear Technology LT4430MPS6 Datasheet HTML 5Page - Linear Technology LT4430MPS6 Datasheet HTML 6Page - Linear Technology LT4430MPS6 Datasheet HTML 7Page - Linear Technology LT4430MPS6 Datasheet HTML 8Page - Linear Technology LT4430MPS6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT4430
2
4430fb
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT4430ES6#PBF
LT4430ES6#TRPBF
LTBFY
6-Lead Plastic TSOT-23
–40°C to 125°C
LT4430IS6#PBF
LT4430IS6#TRPBF
LTBFY
6-Lead Plastic TSOT-23
–40°C to 125°C
LT4430HS6#PBF
LT4430HS6#TRPBF
LTBFY
6-Lead Plastic TSOT-23
–40°C to 150°C
LT4430MPS6#PBF
LT4430MPS6#TRPBF
LTBFY
6-Lead Plastic TSOT-23
–55°C to 150°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT4430ES6
LT4430ES6#TR
LTBFY
6-Lead Plastic TSOT-23
–40°C to 125°C
LT4430IS6
LT4430IS6#TR
LTBFY
6-Lead Plastic TSOT-23
–40°C to 125°C
LT4430HS6
LT4430HS6#TR
LTBFY
6-Lead Plastic TSOT-23
–40°C to 150°C
LT4430MPS6
LT4430MPS6#TR
LTBFY
6-Lead Plastic TSOT-23
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ABSOLUTE MAXIMUM RATINGS
ORDER INFORMATION
Supply Voltage
VIN ........................................................................20V
FB Voltage.................................................... –0.3V to 6V
OPTO Short-Circuit Duration............................ Indefinite
Operating Junction Temperature Range (Note 2)
E-, I-Grades ....................................... –40°C to 125°C
H-Grade ............................................. –40°C to 150°C
MP-Grade .......................................... –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C
(Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
320
V
IIN
Supply Current
3V ≤ VIN ≤ 20V (E-, I-Grades)
3V ≤ VIN ≤ 20V (H-, MP-Grades)
1.9
1.9
3.9
4.3
mA
mA
VUVLO
Undervoltage Lockout Threshold
OC Held Low for VIN < VUVLO (E-, I-Grades)
OC Held Low for VIN < VUVLO (H-Grade)
OC Held Low for VIN < VUVLO (MP-Grade)
1.95
1.9
1.9
2.2
2.2
2.2
2.5
2.5
2.55
V
V
V
VFB
Feedback Reference Voltage
3V ≤ VIN ≤ 20V
0.5955
0.5925
0.6
0.6
0.6045
0.6075
V
V
VFB Line Regulation
3V ≤ VIN ≤ 20V
0.02
0.1
%
IFB
FB Input Bias Current
FB = VFB
–150
–75
nA
PIN CONFIGURATION
1
2
3
6
5
4
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
OPTO
COMP
FB
VIN
GND
OC
TJMAX = 125°C, θJA = 250°C/W
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, FB = VFB, COMP = 1V, unless otherwise noted (Note 3).


Similar Part No. - LT4430MPS6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4430 LINER-LT4430 Datasheet
2Mb / 20P
   Secondary-Side Optocoupler Driver
LT4430 LINER-LT4430 Datasheet
282Kb / 20P
   Synchronous Rectifier Driver for Forward Converters
LT4430ES6 LINER-LT4430ES6 Datasheet
2Mb / 20P
   Secondary-Side Optocoupler Driver
LT4430 LINER-LT4430_15 Datasheet
575Kb / 26P
   Secondary-Side Opto-Coupler Driver
More results

Similar Description - LT4430MPS6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4430 LINER-LT4430_15 Datasheet
575Kb / 26P
   Secondary-Side Opto-Coupler Driver
logo
List of Unclassifed Man...
OC250 ETC1-OC250 Datasheet
196Kb / 2P
   Opto Coupler
logo
Voltage Multipliers Inc...
OC250 VMI-OC250 Datasheet
200Kb / 2P
   Opto Coupler
logo
List of Unclassifed Man...
OC100 ETC-OC100 Datasheet
157Kb / 2P
   Opto Coupler
logo
Voltage Multipliers Inc...
OC100HG VMI-OC100HG Datasheet
126Kb / 3P
   Opto Coupler
OC100 VMI-OC100 Datasheet
122Kb / 2P
   Opto Coupler
OC250 VMI-OC250_13 Datasheet
106Kb / 2P
   Opto Coupler ??Epoxy Molded
logo
Linear Technology
LT3804 LINER-LT3804_15 Datasheet
265Kb / 16P
   Secondary Side Dual Output Controller with Opto Driver
LT3804 LINER-LT3804 Datasheet
264Kb / 16P
   Secondary Side Dual Output Controller with Opto Driver
logo
Isahaya Electronics Cor...
M57159L-01R ISAHAYA-M57159L-01R Datasheet
313Kb / 7P
   Built-in high CMR opto-coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com