Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSP149 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BSP149
Description  SIPMOS Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP149 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSP149 Datasheet HTML 1Page - Infineon Technologies AG BSP149 Datasheet HTML 2Page - Infineon Technologies AG BSP149 Datasheet HTML 3Page - Infineon Technologies AG BSP149 Datasheet HTML 4Page - Infineon Technologies AG BSP149 Datasheet HTML 5Page - Infineon Technologies AG BSP149 Datasheet HTML 6Page - Infineon Technologies AG BSP149 Datasheet HTML 7Page - Infineon Technologies AG BSP149 Datasheet HTML 8Page - Infineon Technologies AG BSP149 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BSP149
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
I D=f(V GS); |V DS|>2|I D|R DS(on)max
g fs=f(I D); T j=25 °C
-0.2 V
-0.1 V
0 V
0.1 V
0.2 V
0.5 V
1 V
10 V
0
1
2
3
4
5
6
0
0.2
0.4
0.6
0.8
1
I D [A]
0
0.4
0.8
1.2
1.6
2
-2
-1
0
1
2
3
V GS [V]
0
0.2
0.4
0.6
0.8
1
1.2
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
I D [A]
V 0.2-
V 0.1-
V 0
V 0.1
V 0.2
V 0.5
V 1
V 10
0
0.2
0.4
0.6
0.8
1
024
68
10
V DS [V]
Rev. 1.2
page 5
2005-11-28


Similar Part No. - BSP149

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP149 SIEMENS-BSP149 Datasheet
328Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
logo
Infineon Technologies A...
BSP149 INFINEON-BSP149 Datasheet
206Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 1.0 2003-04-03
logo
TECH PUBLIC Electronics...
BSP149 TECHPUBLIC-BSP149 Datasheet
2Mb / 5P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - BSP149

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-01-16
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-26
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com