Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSP75N Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BSP75N
Description  Smart Lowside Power Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP75N Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BSP75N_08 Datasheet HTML 4Page - Infineon Technologies AG BSP75N_08 Datasheet HTML 5Page - Infineon Technologies AG BSP75N_08 Datasheet HTML 6Page - Infineon Technologies AG BSP75N_08 Datasheet HTML 7Page - Infineon Technologies AG BSP75N_08 Datasheet HTML 8Page - Infineon Technologies AG BSP75N_08 Datasheet HTML 9Page - Infineon Technologies AG BSP75N_08 Datasheet HTML 10Page - Infineon Technologies AG BSP75N_08 Datasheet HTML 11Page - Infineon Technologies AG BSP75N_08 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
BSP75N
SOURCE
DRAIN
IN
V
BB
R
L
PULSE
HITFETBSP 75N
Data Sheet Rev. 1.4
8
2008-07-10
Figure 3
Test circuit for ISO pulse
Conducted Emissions
Acc. IEC 61967-4 (1
Ω/150Ω method)
Typ. V
bb Emissions at PWM-mode with
150
Ω-matching network
-20
-10
0
10
20
30
40
50
60
70
80
90
100
0,1
1
10
100
1000
f / MHz
Noise level
BSP75N
150ohm Class6
150ohm Class1
150
Ω / 8-H
150
Ω / 13-N
150
Ω-Network
BSP75N
SOURCE
DRAIN
IN
V
BB
R
L
Figure 4
Test circuit for conducted
emission
1)
Conducted Susceptibility
Acc. 47A/658/CD IEC 62132-4 (Direct
Power Injection)
Direct Power Injection: Forward Power
CW
Failure Criteria: Amplitude or frequency
variation max. 10% at OUT
Typ. V
bb Susceptibility at DC-ON/OFF
and at PWM
0
5
10
15
20
25
30
35
40
1
10
100
1000
f / MHz
Limit
OUT, ON
OUT, OFF
OUT, PWM
HF
BSP75N
SOURCE
DRAIN
IN
V
BB
R
L
B A N
Test circuit for conducted susceptibility
2)
1)
For defined de coupling and high reproducibility a
defined choke (5
µH at 1MHz) is inserted in the
Vbb-Line.
2)
Broadband Artificial Network (short: BAN) consists
of the same choke (5
µH at 1MHz) and the same
150 Ohm-matching
network
as
for
emission
measurement for defined de coupling and high
reproducibility.


Similar Part No. - BSP75N_08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSP75NQ DIODES-BSP75NQ Datasheet
865Kb / 9P
   60V SELF-PROTECTED LOW-SIDE IntelliFET MOSFET SWITCH
June 2022 Rev. 6 - 2
BSP75NQTA DIODES-BSP75NQTA Datasheet
865Kb / 9P
   60V SELF-PROTECTED LOW-SIDE IntelliFET MOSFET SWITCH
June 2022 Rev. 6 - 2
logo
Zetex Semiconductors
BSP75NTA ZETEX-BSP75NTA Datasheet
644Kb / 8P
   60V self-protected low-side IntellifetTM MOSFET switch
logo
Diodes Incorporated
BSP75NTA DIODES-BSP75NTA Datasheet
866Kb / 9P
   60V SELF-PROTECTED LOW-SIDE IntelliFET MOSFET SWITCH
June 2022 Rev. 6 - 2
More results

Similar Description - BSP75N_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
   Smart Lowside Power Switch
2004-03-05
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
   Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
   Smart Lowside Power Switch
2002-09-04
logo
Siemens Semiconductor G...
OBTS949 SIEMENS-OBTS949 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS149 INFINEON-BTS149 Datasheet
309Kb / 10P
   Smart Lowside Power Switch
2004-02-02
BTS142D INFINEON-BTS142D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
BSP76 INFINEON-BSP76 Datasheet
276Kb / 10P
   Smart Lowside Power Switch
Rev. 1.3, 2008-04-14
logo
Siemens Semiconductor G...
OBTS149 SIEMENS-OBTS149 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
OBTS917 SIEMENS-OBTS917 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS134D INFINEON-BTS134D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com