Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSO303PH Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSO303PH
Description  OptiMOS-P Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO303PH Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSO303PH Datasheet HTML 1Page - Infineon Technologies AG BSO303PH Datasheet HTML 2Page - Infineon Technologies AG BSO303PH Datasheet HTML 3Page - Infineon Technologies AG BSO303PH Datasheet HTML 4Page - Infineon Technologies AG BSO303PH Datasheet HTML 5Page - Infineon Technologies AG BSO303PH Datasheet HTML 6Page - Infineon Technologies AG BSO303PH Datasheet HTML 7Page - Infineon Technologies AG BSO303PH Datasheet HTML 8Page - Infineon Technologies AG BSO303PH Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BSO303P H
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
1785
2678
pF
Output capacitance
C oss
-
510
765
Reverse transfer capacitance
C rss
-
425
638
Turn-on delay time
t d(on)
-11
17
ns
Rise time
t r
-13
20
Turn-off delay time
t d(off)
-55
83
Fall time
t f
-39
59
Gate Charge Characteristics
3)
Gate to source charge
Q gs
--5
-6
nC
Gate to drain charge
Q gd
-
-14
-20
Gate charge total
Q g
-
-36
-49
Gate plateau voltage
V plateau
-
-2.7
-
V
Reverse Diode
Diode continous forward current
I S
-
-
-2.2
A
Diode direct current, pulsed
I SM
-
-
-32.8
Diode forward voltage
V SD
V GS=0 V, I F=-8.2 A,
T j=25 °C
-
-0.9
-1.3
V
Reverse recovery time
t rr
V R=-15 V, I F=|I S|,
di F/dt =100 A/µs
-24
36
ns
Reverse recovery charge
Q rr
-13
19
nC
T C=25 °C
Values
V GS=0 V, V DS=-25 V,
f =1 MHz
V DD=-15 V, V GS=-
10 V, I D=-1 A, R G=6 Ω
V DD=-24 V, I D=-8.2 A,
V GS=0 to 10 V
Rev. 1.3
page 3
2010-02-10


Similar Part No. - BSO303PH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO303P INFINEON-BSO303P Datasheet
84Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2002-01-08
More results

Similar Description - BSO303PH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS223PW INFINEON-BSS223PW Datasheet
74Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2002-07-04
BSL207SP INFINEON-BSL207SP_07 Datasheet
843Kb / 8P
   OptiMOS-P Small-Signal-Transistor
2007-02-08
BSS209PW INFINEON-BSS209PW Datasheet
75Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-05
BSO080P03S INFINEON-BSO080P03S Datasheet
275Kb / 9P
   OptiMOS-P Small-Signal-Transistor
Rev. 1.0 2004-01-21
BSO204P INFINEON-BSO204P Datasheet
82Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-03
BSS223PW INFINEON-BSS223PW_06 Datasheet
391Kb / 8P
   OptiMOS-P Small-Signal-Transistor
Rev 1.3 2006-12-04
BSO203SP INFINEON-BSO203SP Datasheet
92Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2004-06-03
BSL211SP INFINEON-BSL211SP_07 Datasheet
589Kb / 8P
   OptiMOS-P Small-Signal-Transistor
2007-02-08
BSO201SP INFINEON-BSO201SP Datasheet
82Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-21
BSS209PW INFINEON-BSS209PW_06 Datasheet
284Kb / 8P
   OptiMOS-P Small-Signal-Transistor
Rev 1.3 2006-12-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com