Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSO207PH Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSO207PH
Description  OptiMOS P-Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO207PH Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSO207PH Datasheet HTML 1Page - Infineon Technologies AG BSO207PH Datasheet HTML 2Page - Infineon Technologies AG BSO207PH Datasheet HTML 3Page - Infineon Technologies AG BSO207PH Datasheet HTML 4Page - Infineon Technologies AG BSO207PH Datasheet HTML 5Page - Infineon Technologies AG BSO207PH Datasheet HTML 6Page - Infineon Technologies AG BSO207PH Datasheet HTML 7Page - Infineon Technologies AG BSO207PH Datasheet HTML 8Page - Infineon Technologies AG BSO207PH Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BSO207P H
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance,
junction - soldering point
R thJS
-
-
35
K/W
Thermal resistance,
junction - ambient
R thJA
minimal footprint,
t p≤10 s
-
-
110
minimal footprint,
steady state
-
-
150
6 cm
2 cooling area1),
t p≤10 s
-
-
62.5
6 cm
2 cooling area1),
steady state
--
80
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS
V GS=0 V, I D= -
0.25 mA
-20
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=44 µA
-0.6
-0.9
-1.2
Zero gate voltage drain current
I DSS
V DS=-20 V, V GS=0 V,
T j=25 °C
-
0.1
1
µA
V DS=-20 V, V GS=0 V,
T j=150 °C
-
10
100
Gate-source leakage current
I GSS
V GS= -12 V, V DS=0 V
-
-
-100
nA
Drain-source on-state resistance
R DS(on)
V GS=2.5 V, I D=-4.5 A
-44
70
m
V GS=4.5 V, I D=-5.7 A
-32
45
Gate resistance
R G
-
7.7
-
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=-4.6 A
10
18
-
S
3) See figure 13 for more detailed information
Values
1) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
2) See figure 3 for more detailed information
Rev.1.3
page 2
2010-01-21


Similar Part No. - BSO207PH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO207P INFINEON-BSO207P Datasheet
88Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-11-20
More results

Similar Description - BSO207PH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD50P03L INFINEON-SPD50P03L Datasheet
77Kb / 8P
   OptiMOS-P Power - Transistor
2001-12-06
BSC080P03LSG INFINEON-BSC080P03LSG Datasheet
311Kb / 9P
   OptiMOS??P Power-Transistor
Rev. 1.04 2010-05-04
BSO203SPH INFINEON-BSO203SPH Datasheet
303Kb / 9P
   OptiMOS P-Power-Transistor
Rev.1.31 2010-02-10
IPP80P03P3L-04 INFINEON-IPP80P03P3L-04 Datasheet
226Kb / 4P
   OptiMOS-P Power-Transistor
2004-03-04
BSO301SPH INFINEON-BSO301SPH Datasheet
331Kb / 9P
   OptiMOS-P Power-Transistor
Rev. 1.32 2010-05-12
SPD50P03LG INFINEON-SPD50P03LG Datasheet
633Kb / 9P
   OptiMOS-P Power-Transistor
Rev. 1.8 2008-07-10
BSO201SPH INFINEON-BSO201SPH Datasheet
319Kb / 9P
   OptiMOS P-Power-Transistor
Rev.1.32 2009-12-21
BSO203PH INFINEON-BSO203PH Datasheet
321Kb / 9P
   OptiMOS P-Power-Transistor
Rev.1.31 2010-02-15
BSO303SPH INFINEON-BSO303SPH Datasheet
338Kb / 9P
   OptiMOS-P Power-Transistor
Rev. 1.1 2010-05-12
BSO211PH INFINEON-BSO211PH Datasheet
321Kb / 9P
   OptiMOS P-Power-Transistor
Rev.1.3 2010-02-10
BSC130P03LSG INFINEON-BSC130P03LSG Datasheet
311Kb / 9P
   OptiMOS??P Power-Transistor
Rev. 1.04 2010-05-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com