Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSO207PH Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSO207PH
Description  OptiMOS P-Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO207PH Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSO207PH Datasheet HTML 1Page - Infineon Technologies AG BSO207PH Datasheet HTML 2Page - Infineon Technologies AG BSO207PH Datasheet HTML 3Page - Infineon Technologies AG BSO207PH Datasheet HTML 4Page - Infineon Technologies AG BSO207PH Datasheet HTML 5Page - Infineon Technologies AG BSO207PH Datasheet HTML 6Page - Infineon Technologies AG BSO207PH Datasheet HTML 7Page - Infineon Technologies AG BSO207PH Datasheet HTML 8Page - Infineon Technologies AG BSO207PH Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BSO207P H
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
1100
1650
pF
Output capacitance
C oss
-
380
570
Reverse transfer capacitance
Crss
-
310
465
Turn-on delay time
t d(on)
-
9
14
ns
Rise time
t r
-22
33
Turn-off delay time
t d(off)
-33
50
Fall time
t f
-35
53
Gate Charge Characteristics
4)
Gate to source charge
Q gs
--2
-3
nC
Gate charge at threshold
Q g(th)
--2
-3
Gate to drain charge
Q gd
--5
-7
Switching charge
Q sw
--5
-7
Gate charge total
Q g
-
-12
-16
Gate plateau voltage
V plateau
-
-1.7
-2.5
V
Output charge
Q oss
V DD=-10 V, V GS=0 V
-7
9
nC
Reverse Diode
Diode continuous forward current
I S
-
-
-2.2
A
Diode pulse current
I S,pulse
-
-
-23
Diode forward voltage
V SD
V GS=0 V, I F=-5.7 A,
T j=25 °C
-
-
-1.1
V
Reverse recovery charge
Q rr
V R=10 V, I F=I S,
di F/dt =100 A/µs
-
6.2
-
nC
4) See figure 16 for gate charge parameter definition
T A=25 °C
Values
V GS=0 V, V DS=15 V,
f =1 MHz
V DD=-10 V,
V GS=4.5 V, I D=-5.7 A,
R G=1.6 Ω
V DD=-10 V, I D=-5.7 A,
V GS=0 to 4.5 V
Rev.1.3
page 3
2010-01-21


Similar Part No. - BSO207PH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO207P INFINEON-BSO207P Datasheet
88Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-11-20
More results

Similar Description - BSO207PH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD50P03L INFINEON-SPD50P03L Datasheet
77Kb / 8P
   OptiMOS-P Power - Transistor
2001-12-06
BSC080P03LSG INFINEON-BSC080P03LSG Datasheet
311Kb / 9P
   OptiMOS??P Power-Transistor
Rev. 1.04 2010-05-04
BSO203SPH INFINEON-BSO203SPH Datasheet
303Kb / 9P
   OptiMOS P-Power-Transistor
Rev.1.31 2010-02-10
IPP80P03P3L-04 INFINEON-IPP80P03P3L-04 Datasheet
226Kb / 4P
   OptiMOS-P Power-Transistor
2004-03-04
BSO301SPH INFINEON-BSO301SPH Datasheet
331Kb / 9P
   OptiMOS-P Power-Transistor
Rev. 1.32 2010-05-12
SPD50P03LG INFINEON-SPD50P03LG Datasheet
633Kb / 9P
   OptiMOS-P Power-Transistor
Rev. 1.8 2008-07-10
BSO201SPH INFINEON-BSO201SPH Datasheet
319Kb / 9P
   OptiMOS P-Power-Transistor
Rev.1.32 2009-12-21
BSO203PH INFINEON-BSO203PH Datasheet
321Kb / 9P
   OptiMOS P-Power-Transistor
Rev.1.31 2010-02-15
BSO303SPH INFINEON-BSO303SPH Datasheet
338Kb / 9P
   OptiMOS-P Power-Transistor
Rev. 1.1 2010-05-12
BSO211PH INFINEON-BSO211PH Datasheet
321Kb / 9P
   OptiMOS P-Power-Transistor
Rev.1.3 2010-02-10
BSC130P03LSG INFINEON-BSC130P03LSG Datasheet
311Kb / 9P
   OptiMOS??P Power-Transistor
Rev. 1.04 2010-05-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com