Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSB012NE2LX Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BSB012NE2LX
Description  n-Channel Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSB012NE2LX Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BSB012NE2LX Datasheet HTML 3Page - Infineon Technologies AG BSB012NE2LX Datasheet HTML 4Page - Infineon Technologies AG BSB012NE2LX Datasheet HTML 5Page - Infineon Technologies AG BSB012NE2LX Datasheet HTML 6Page - Infineon Technologies AG BSB012NE2LX Datasheet HTML 7Page - Infineon Technologies AG BSB012NE2LX Datasheet HTML 8Page - Infineon Technologies AG BSB012NE2LX Datasheet HTML 9Page - Infineon Technologies AG BSB012NE2LX Datasheet HTML 10Page - Infineon Technologies AG BSB012NE2LX Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
OptiMOS™ Power-MOSFET
BSB012NE2LX
Electrical characteristics diagrams
Final Data Sheet
6
2.0, 2011-03-18
Table 10
5 Typ. output characteristics
T
C=25 °C
6 Typ. drain-source on-state resistance
I
D=f(VDS); Tj=25 °C; parameter: VGS
R
DS(on)=f(ID); Tj=25 °C; parameter: VGS
Table 11
7 Typ. transfer characteristics
8 Typ. forward transconductance
I
D=f(VGS); |VDS|>2|ID|RDS(on)max
g
fs=f(ID); Tj=25 °C


Similar Part No. - BSB012NE2LX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSB012NE2LXI INFINEON-BSB012NE2LXI Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2015-09-09
More results

Similar Description - BSB012NE2LX

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com