Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK4211V Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK4211V
Description  2-Channel 70 W min AF Power Amplifier (Split Power Supply)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4211V Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK4211V Datasheet HTML 1Page - Sanyo Semicon Device STK4211V Datasheet HTML 2Page - Sanyo Semicon Device STK4211V Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Operating Characteristics at Ta = 25°C, VCC = ±43 V, RL = 8 Ω (noninductive load), RG = 600 Ω, VG = 40 dB
Note: Use a constant voltage power supply as the test power supply unless otherwise specified.
* The output noise voltage is the peak value measured with an averaging rms scale volt meter. The noise voltage waveform should not include
pulse noise.
Specified Transformer Power Supply
(MG-200 equivalent)
Equivalent Circuit
No. 4585-2/3
STK4211V
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Quiescent current
ICCO
VCC = ±50.5 V
20
40
100
mA
Output power
PO
THD = 0.08%, f = 20 Hz to 20 kHz
70
W
Total harmonic distortion
THD
PO = 1.0 W, f = 1 kHz
0.08
%
Frequency response
fL, fH
PO = 1.0 W,
dB
20 to 50 k
Hz
Input resistance
ri
PO = 1.0 W, f = 1 kHz
55
k
Output noise voltage
VNO*
VCC = ±50.5 V, Rg = 10 kΩ
1.2
mVrms
Neutral voltage
VN
VCC = ±50.5 V
–70
0
+70
mV
Muting voltage
VM
–2
–5
–10
V
+0
–3


Similar Part No. - STK4211V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK4211V ETC1-STK4211V Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
More results

Similar Description - STK4211V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-110 SANYO-STK401-110 Datasheet
243Kb / 8P
   AF Power Amplifier (Split Power Supply) (70 W 70 W min, THD = 0.4%)?
STK4040V SANYO-STK4040V Datasheet
261Kb / 9P
   AF Power Amplifier (Split Power Supply) (70 W min, THD = 0.08%)?
STK4040X SANYO-STK4040X Datasheet
106Kb / 4P
   AF Power Amplifier (Split Power Supply) (70 W min, THD = 0.008%)?
STK4040XI SANYO-STK4040XI Datasheet
283Kb / 5P
   AF Power Amplifier (Split Power Supply) (70 W min, THD = 0.008%)?
STK4221V SANYO-STK4221V Datasheet
58Kb / 3P
   2-Channel 80 W min AF Power Amplifier (Split Power Supply)
STK4048V SANYO-STK4048V Datasheet
54Kb / 3P
   150 W min AF Power Amplifier (Split Power Supply)
STK401-100 SANYO-STK401-100 Datasheet
301Kb / 8P
   2-Channel, 60W min AF Power Amplifier (Split Power Supply)
STK4048XI SANYO-STK4048XI Datasheet
192Kb / 8P
   AF Power Amplifier (Split Power Supply) (150 W min, THD = 0.008%)?
STK4036X SANYO-STK4036X Datasheet
132Kb / 5P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.008%)?
STK4044V SANYO-STK4044V Datasheet
254Kb / 7P
   AF Power Amplifier (Split Power Supply) (100 W min, THD = 0.08%)?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com