Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK4211V Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # STK4211V
Description  2-Channel 70 W min AF Power Amplifier (Split Power Supply)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4211V Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK4211V Datasheet HTML 1Page - Sanyo Semicon Device STK4211V Datasheet HTML 2Page - Sanyo Semicon Device STK4211V Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Thick Film Hybrid IC
Ordering number : EN4585A
61096HA (OT)/52493YO 5-2377 No. 4585-1/3
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
2-Channel 70 W min AF Power Amplifier
(Split Power Supply)
STK4211V
Features
• The inclusion of a muting circuit on-chip allows all
types of impulse noise to be excluded.
• Current mirror circuit application reduces distortion to
0.008%.
• Pin compatible with the STK4201II Series (THD = 0.4%)
and the STK4141X Series (THD = 0.02%)
Package Dimensions
unit: mm
4086A
Specifications
Maximum Ratings at Ta = 25°C
Note: Use a constant voltage power supply as the test power supply unless otherwise specified.
* Use the transformer power supply shown on the next page when measuring the available time for load shorted and the output noise voltage.
Recommended Operating Conditions at Ta = 25°C
Parameter
Symbol
Condition
Rating
Unit
Maximum supply voltage
VCC max
±62
V
Thermal resistance
θj-c
1.5
°C/W
Junction temperature
Tj
150
°C
Operating case temperature
Tc
125
°C
Storage temperature
Tstg
–30 to +125
°C
Available time for load shorted
tS*
VCC = ±43 V, RL = 8 Ω, f = 50 Hz, PO = 70 W
1
sec
Parameter
Symbol
Condition
Rating
Unit
Recommended supply voltage
VCC
±43
V
Load resistance
RL
8
[STK4211V]


Similar Part No. - STK4211V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK4211V ETC1-STK4211V Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
More results

Similar Description - STK4211V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-110 SANYO-STK401-110 Datasheet
243Kb / 8P
   AF Power Amplifier (Split Power Supply) (70 W 70 W min, THD = 0.4%)?
STK4040V SANYO-STK4040V Datasheet
261Kb / 9P
   AF Power Amplifier (Split Power Supply) (70 W min, THD = 0.08%)?
STK4040X SANYO-STK4040X Datasheet
106Kb / 4P
   AF Power Amplifier (Split Power Supply) (70 W min, THD = 0.008%)?
STK4040XI SANYO-STK4040XI Datasheet
283Kb / 5P
   AF Power Amplifier (Split Power Supply) (70 W min, THD = 0.008%)?
STK4221V SANYO-STK4221V Datasheet
58Kb / 3P
   2-Channel 80 W min AF Power Amplifier (Split Power Supply)
STK4048V SANYO-STK4048V Datasheet
54Kb / 3P
   150 W min AF Power Amplifier (Split Power Supply)
STK401-100 SANYO-STK401-100 Datasheet
301Kb / 8P
   2-Channel, 60W min AF Power Amplifier (Split Power Supply)
STK4048XI SANYO-STK4048XI Datasheet
192Kb / 8P
   AF Power Amplifier (Split Power Supply) (150 W min, THD = 0.008%)?
STK4036X SANYO-STK4036X Datasheet
132Kb / 5P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.008%)?
STK4044V SANYO-STK4044V Datasheet
254Kb / 7P
   AF Power Amplifier (Split Power Supply) (100 W min, THD = 0.08%)?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com