Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK4201 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # STK4201
Description  2ch AF Power Amplifier (Split Power Supply) (60W 60W min, THD = 0.4%)?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4201 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  STK4201 Datasheet HTML 1Page - Sanyo Semicon Device STK4201 Datasheet HTML 2Page - Sanyo Semicon Device STK4201 Datasheet HTML 3Page - Sanyo Semicon Device STK4201 Datasheet HTML 4Page - Sanyo Semicon Device STK4201 Datasheet HTML 5Page - Sanyo Semicon Device STK4201 Datasheet HTML 6Page - Sanyo Semicon Device STK4201 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image


Similar Part No. - STK4201

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4201 SANYO-STK4201 Datasheet
150Kb / 2P
   2ch./1packge, - Power Supply Built-in Muting Circuit 25W/ch. ~ 70W/ch. THD=0.02%???
logo
List of Unclassifed Man...
STK4201II ETC1-STK4201II Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
logo
Sanyo Semicon Device
STK4201V SANYO-STK4201V Datasheet
147Kb / 3P
   AF Power Amplifier (Split Power Supply) (60W 60W min, THD = 0.08%)
logo
List of Unclassifed Man...
STK4201V ETC1-STK4201V Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
logo
Sanyo Semicon Device
STK4201X SANYO-STK4201X Datasheet
150Kb / 2P
   2ch./1packge, - Power Supply Built-in Muting Circuit 25W/ch. ~ 70W/ch. THD=0.02%???
More results

Similar Description - STK4201

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK405-100 SANYO-STK405-100 Datasheet
87Kb / 4P
   2ch AF Power Amplifier (Split Power Supply) 60W 60W min, THD =10%????????????
STK4201V SANYO-STK4201V Datasheet
147Kb / 3P
   AF Power Amplifier (Split Power Supply) (60W 60W min, THD = 0.08%)
STK4241II SANYO-STK4241II Datasheet
284Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) (120W 120W min, THD = 0.4%)?
STK4211II SANYO-STK4211II Datasheet
284Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) (70W 70W min, THD = 0.4%)?
STK4050II SANYO-STK4050II Datasheet
82Kb / 3P
   AF Power Amplifier (Split Power Supply) (200W min, THD = 0.4%)
STK4036II SANYO-STK4036II Datasheet
69Kb / 3P
   AF Power Amplifier (Split Power Supply) (50W min, THD = 0.4%)
STK4030II SANYO-STK4030II Datasheet
104Kb / 4P
   AF Power Amplifier (Split Power Supply) (35W min, THD = 0.4%)?
STK4032II SANYO-STK4032II Datasheet
43Kb / 3P
   AF Power Amplifier (Split Power Supply) (40W min, THD = 0.4%)???
STK401-100 SANYO-STK401-100 Datasheet
301Kb / 8P
   2-Channel, 60W min AF Power Amplifier (Split Power Supply)
STK4112II SANYO-STK4112II Datasheet
242Kb / 8P
   AF Power Amplifier (Split Power Supply) (10W 10W min, THD = 0.4%)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com