Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGA736L16 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BGA736L16
Description  Tri-Band HSDPA LNA (2100, 1900/2100, 800/900 MHz)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA736L16 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BGA736L16 Datasheet HTML 3Page - Infineon Technologies AG BGA736L16 Datasheet HTML 4Page - Infineon Technologies AG BGA736L16 Datasheet HTML 5Page - Infineon Technologies AG BGA736L16 Datasheet HTML 6Page - Infineon Technologies AG BGA736L16 Datasheet HTML 7Page - Infineon Technologies AG BGA736L16 Datasheet HTML 8Page - Infineon Technologies AG BGA736L16 Datasheet HTML 9Page - Infineon Technologies AG BGA736L16 Datasheet HTML 10Page - Infineon Technologies AG BGA736L16 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
BGA736L16 - Tri-Band HSDPA LNA
Electrical Characteristics
DC Characteristics
Data Sheet
7
V2.1, 2008-07-03
2.4
DC Characteristics
2.5
Band Select / Gain Control Truth Table
Table 4
DC Characteristics,
T
A =25°C
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply voltage
V
CC
2.7
2.8
3.0
V
Supply current high and mid
gain mode
-30°C
25°C
85°C
I
CCHG
I
CCMG
4.3
5.3
6.4
mA
mA
mA
All bands
Supply current is
proportional to absolute
temperature
Supply current low gain
mode
I
CCLG
850
µA
All bands
Supply current standby
mode
I
CCOFF
0.1
2
µA
Logic level high
V
HI
1.5
2.8
V
VEN1 and VEN2
Logic level low
V
LOW
0.0
0.5
V
Logic currents VEN
I
ENL
0.2
µA
VEN1 and VEN2
I
ENH
10.0
µA
Logic currents VGS
I
GSL
0.1
µAVGS
I
GSH
5.0
µA
Table 5
Band Select Truth Table,
V
CC = 2.8 V
High band
Mid band
Low band
Standby mode
VEN1
H
H
L
L
VEN2
H
L
H
L
Table 6
Gain Control Truth Table,
V
CC = 2.8 V
High Gain
Mid Gain
Low Gain
VGS1
H
H
L
VGS2
L
H
L


Similar Part No. - BGA736L16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA734L16 INFINEON-BGA734L16 Datasheet
774Kb / 31P
   Low Power Tri-Band UMTS LNA (2100, 1900, 800 MHz)
V1.0, January 2008
BGA734L16 INFINEON-BGA734L16_11 Datasheet
1Mb / 39P
   Low Power Tri-Band UMTS LNA (2100, 1900, 800 MHz)
Revision 1.1, 2011-03-16
logo
NXP Semiconductors
BGA7350 NXP-BGA7350 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BGA7351 NXP-BGA7351 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Infineon Technologies A...
BGA735N16 INFINEON-BGA735N16 Datasheet
2Mb / 33P
   High Linearity Tri-Band LTE/UMTS LNA (2600/2300/2100, 1900/1800, 900/800/700 MHz)
Revision 3.8, 2010-12-23
More results

Similar Description - BGA736L16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA734L16 INFINEON-BGA734L16_11 Datasheet
1Mb / 39P
   Low Power Tri-Band UMTS LNA (2100, 1900, 800 MHz)
Revision 1.1, 2011-03-16
BGA734L16 INFINEON-BGA734L16 Datasheet
774Kb / 31P
   Low Power Tri-Band UMTS LNA (2100, 1900, 800 MHz)
V1.0, January 2008
BGA748L16 INFINEON-BGA748L16 Datasheet
2Mb / 31P
   High Linearity Quad-Band UMTS LNA (2100, 1900, 900, 800 MHz)
Revision 3.2, 2010-06-18
BGA748N16 INFINEON-BGA748N16 Datasheet
2Mb / 31P
   High Linearity Quad-Band UMTS LNA (2100, 1900, 900, 800 MHz)
Revision 3.0, 2010-11-08
BGA735N16 INFINEON-BGA735N16 Datasheet
2Mb / 33P
   High Linearity Tri-Band LTE/UMTS LNA (2600/2300/2100, 1900/1800, 900/800/700 MHz)
Revision 3.8, 2010-12-23
BGA771N16 INFINEON-BGA771N16 Datasheet
1Mb / 33P
   High Linearity Dual-Band UMTS LNA (1900/1800/2100, 800/900MHz)
Revision 3.1, 2010-03-16
logo
Taoglas antenna solutio...
PC29070100A TAOGLAS-PC29070100A Datasheet
972Kb / 11P
   TheStripe??Penta-Band GSM 850 / 900 / 1800 / 1900 & UMTS / WCDMA (3G) 2100 MHz
PC29090100A TAOGLAS-PC29090100A Datasheet
941Kb / 11P
   TheStripe Penta-band Cellular 850 / 900 / 1800 / 1900 UMTS / WCDMA (3G) 2100 MHz PCB Antenna
PC29.09.0100A TAOGLAS-PC29.09.0100A_17 Datasheet
1Mb / 11P
   TheStripe??Penta-band Cellular 850 / 900 / 1800 / 1900 UMTS / WCDMA (3G) 2100 MHz PCB Antenna
FXP14RA070100A TAOGLAS-FXP14RA070100A Datasheet
428Kb / 9P
   FXP14 Hexa-Band Cellular Antenna 850/900/1700/1900/2100 MHz GSM/GPRS/CDMA/HSPA/UMTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com