Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGA612 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BGA612
Description  Silicon Germanium Broadband MMIC Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA612 Datasheet(HTML) 7 Page - Infineon Technologies AG

  BGA612 Datasheet HTML 1Page - Infineon Technologies AG BGA612 Datasheet HTML 2Page - Infineon Technologies AG BGA612 Datasheet HTML 3Page - Infineon Technologies AG BGA612 Datasheet HTML 4Page - Infineon Technologies AG BGA612 Datasheet HTML 5Page - Infineon Technologies AG BGA612 Datasheet HTML 6Page - Infineon Technologies AG BGA612 Datasheet HTML 7Page - Infineon Technologies AG BGA612 Datasheet HTML 8Page - Infineon Technologies AG BGA612 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BGA612
Measured Parameters
Data Sheet
7
Rev. 2.1, 2008-04-24
3
Measured Parameters
Power Gain |S
21
|
2, G
ma
= f(f)
V
CC
= 5V, R
Bias
= 135
Ω, I
C
= 20mA
10
−1
10
0
10
1
0
2
4
6
8
10
12
14
16
18
20
Frequency [GHz]
|S
21
|
2
G
ma
Matching |S
11
|, |S
22
| = f(f)
V
CC
= 5V, R
Bias
= 135
Ω, I
C
= 20mA
10
−1
10
0
10
1
−30
−25
−20
−15
−10
−5
0
Frequency [GHz]
S
11
S
22
Power Gain |S
21
| = f(I
D
)
f = parameter in GHz
0
20
40
60
80
0
2
4
6
8
10
12
14
16
18
20
I
D
[mA]
1
2
3
4
6
8
Output Compression Point
P
−1dB
= f(I
D
), f = 2GHz
0
20
40
60
80
0
2
4
6
8
10
12
14
16
18
20
I
D
[mA]


Similar Part No. - BGA612

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA612 INFINEON-BGA612 Datasheet
516Kb / 8P
   Silicon Germanium Broadband MMIC Amplifier
Nov. 2003
More results

Similar Description - BGA612

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA616 INFINEON-BGA616_11 Datasheet
254Kb / 9P
   Silicon Germanium Broadband MMIC Amplifier
Rev. 2.1, Sept. 2011
BGA614 INFINEON-BGA614_08 Datasheet
298Kb / 9P
   Silicon Germanium Broadband MMIC Amplifier
Rev. 2.1, Mar. 2008
BGA614 INFINEON-BGA614_11 Datasheet
252Kb / 9P
   Silicon Germanium Broadband MMIC Amplifier
Rev. 2.1, Sept. 2011
BGA614 INFINEON-BGA614 Datasheet
516Kb / 8P
   Silicon Germanium Broadband MMIC Amplifier
2003-11-04
BGA616 INFINEON-BGA616 Datasheet
129Kb / 8P
   Silicon Germanium Broadband MMIC Amplifier
Apr. 2003
BGA612 INFINEON-BGA612 Datasheet
516Kb / 8P
   Silicon Germanium Broadband MMIC Amplifier
Nov. 2003
BGA616 INFINEON-BGA616_08 Datasheet
277Kb / 9P
   Silicon Germanium Broadband MMIC Amplifier
Rev. 2.1, Feb. 2008
logo
Intersil Corporation
ISL55012 INTERSIL-ISL55012_07 Datasheet
272Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Renesas Technology Corp
ISL55007 RENESAS-ISL55007 Datasheet
344Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55011 RENESAS-ISL55011 Datasheet
337Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com