Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGA427 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BGA427
Description  Si-MMIC-Amplifier in SIEGET 25-Technologie
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA427 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BGA427 Datasheet HTML 1Page - Infineon Technologies AG BGA427 Datasheet HTML 2Page - Infineon Technologies AG BGA427 Datasheet HTML 3Page - Infineon Technologies AG BGA427 Datasheet HTML 4Page - Infineon Technologies AG BGA427 Datasheet HTML 5Page - Infineon Technologies AG BGA427 Datasheet HTML 6Page - Infineon Technologies AG BGA427 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2007-07-12
3
BGA427
S-Parameters at TA = 25 °C, (Testfixture, Appl.1)
f
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
VD = 3V, Zo = 50Ω
0.1
0.2
0.5
0.8
0.9
1
1.5
1.8
1.9
2
2.5
3
0.1382
0.1179
0.1697
0.1824
0.1782
0.176
0.1827
0.1969
0.2021
0.2116
0.2437
0.258
-38.3
-16
-20.8
-56.9
-69.1
-80.6
-133.5
-156.1
-162.8
-167.7
172.8
153.3
24.821
24.606
22.236
18.258
17.152
15.786
10.923
9.029
8.486
8.015
6.259
5.103
164.9
158.9
135.2
115.4
109.4
104
84.9
77
74.7
72.3
63
55
0.0022
0.0046
0.0104
0.0169
0.0194
0.0225
0.0385
0.0479
0.0517
0.0549
0.0709
0.0892
50.7
71.8
83.8
94.8
97.3
98.3
99.7
99.3
98.9
98.8
97.1
96.9
0.6435
0.6278
0.54
0.4453
0.4326
0.4129
0.3852
0.3917
0.3946
0.3991
0.4202
0.4477
174.8
166.9
147.3
140.2
139.4
138.1
139.6
139.3
138.8
138.3
134.6
131
Spice-model BGA 427
EHA07381
3
R
R1
P1
C
P2
C
1
C
R2
P3
CCP4
P5
CR4
11
14
13
T2
12
C’-E’-
including parasitics
Diode
OUT
BGA 427-chip
IN
GND
+V
T1
T1
T501
T2
T501
R1
14.5k
R2
280
R3
2.4k
R4
170
C1
2.3pF
CP1
0.2pF
0.2pF
CP2
CP3
0.6pF
CP4
0.1pF
CP5
0.1pF
C'-E'-diode T1


Similar Part No. - BGA427

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BGA427 SIEMENS-BGA427 Datasheet
35Kb / 5P
   Si-MMIC-Amplifier in SIEGET 25-Technologie (Cascadable 50 W-gain block Unconditionally stable)
logo
Infineon Technologies A...
BGA427 INFINEON-BGA427 Datasheet
58Kb / 5P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
Aug-02-2001
BGA427 INFINEON-BGA427 Datasheet
548Kb / 7P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
2011-09-15
BGA427H6327XTSA1 INFINEON-BGA427H6327XTSA1 Datasheet
548Kb / 7P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
2011-09-15
More results

Similar Description - BGA427

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA427 INFINEON-BGA427 Datasheet
58Kb / 5P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
Aug-02-2001
BGA420 INFINEON-BGA420 Datasheet
139Kb / 6P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
Jan-29-2002
BGA420 INFINEON-BGA420_07 Datasheet
166Kb / 8P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
2007-07-12
BGA420E6327 INFINEON-BGA420E6327 Datasheet
553Kb / 8P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
2011-07-26
BGA427H6327XTSA1 INFINEON-BGA427H6327XTSA1 Datasheet
548Kb / 7P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
2011-09-15
logo
Siemens Semiconductor G...
BGA427 SIEMENS-BGA427 Datasheet
35Kb / 5P
   Si-MMIC-Amplifier in SIEGET 25-Technologie (Cascadable 50 W-gain block Unconditionally stable)
BGA425 SIEMENS-BGA425 Datasheet
81Kb / 8P
   Si-MMIC-Amplifier in SIEGET 25-Technologie (Multifunctional casc. 50 廓 block LNA / MIX Unconditionally stable)
BGA420 SIEMENS-BGA420 Datasheet
38Kb / 6P
   Si-MMIC-Amplifierin SIEGET 25-Technologie (Cascadable 50 廓-gain block Unconditionally stable)
logo
NEC
UPC1658G NEC-UPC1658G Datasheet
73Kb / 12P
   LOW NOISE, HIGH FREQUENCY Si MMIC AMPLIFIER
UPC2747 NEC-UPC2747 Datasheet
63Kb / 5P
   3 V, 900 MHz Si MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com