Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR1B Datasheet(PDF) 1 Page - Semikron International

Part # FR1B
Description  Fast Avalanche Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

FR1B Datasheet(HTML) 1 Page - Semikron International

  FR1B Datasheet HTML 1Page - Semikron International FR1B Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface mount diode
Fast Avalanche Diodes
FRA 1A ... FRA 1M
Forward Current: 1 A
Reverse Voltage: 50 to 1000 V
Features
Mechanical Data
1)
2)
3)
4)
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Characteristics
Symbol
Conditions
Values
Units
Dimensions in mm
FRA 1A ... FRA 1M
1
05-03-2010 MAM
© by SEMIKRON


Similar Part No. - FR1B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
FR1B PANJIT-FR1B Datasheet
60Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Shanghai Leiditech Elec...
FR1B LEIDITECH-FR1B Datasheet
575Kb / 3P
   High Temp Soldering: 260째C for 10 Seconds At Terminals
logo
Semikron International
FR1B SEMIKRON-FR1B Datasheet
114Kb / 2P
   Surface mount diode
logo
Diotec Semiconductor
FR1B DIOTEC-FR1B Datasheet
99Kb / 2P
   Fast Switching Surface Mount Silicon Rectifier Diodes
logo
Surge Components
FR1B SURGE-FR1B Datasheet
77Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere
More results

Similar Description - FR1B

ManufacturerPart #DatasheetDescription
logo
Semikron International
SAA154 SEMIKRON-SAA154_09 Datasheet
188Kb / 2P
   Fast Avalanche Diodes
FRA2A SEMIKRON-FRA2A_10 Datasheet
206Kb / 2P
   Fast Avalanche Diodes
FRA3A SEMIKRON-FRA3A Datasheet
154Kb / 2P
   Fast Avalanche Diodes
RGA37A SEMIKRON-RGA37A Datasheet
151Kb / 2P
   Fast Avalanche Diodes
FRA2A SEMIKRON-FRA2A Datasheet
154Kb / 2P
   Fast Avalanche Diodes
FRA1A SEMIKRON-FRA1A Datasheet
158Kb / 2P
   Fast Avalanche Diodes
SAA154 SEMIKRON-SAA154 Datasheet
146Kb / 2P
   Fast Avalanche Diodes
FRA3A SEMIKRON-FRA3A_10 Datasheet
211Kb / 2P
   Fast Avalanche Diodes
logo
SUNMATE electronic Co.,...
BYG24D SUNMATE-BYG24D Datasheet
373Kb / 2P
   FAST AVALANCHE RECTIFIERS DIODES
logo
Vishay Siliconix
BYT56A VISHAY-BYT56A_V01 Datasheet
124Kb / 4P
   Fast Avalanche Sinterglass Diodes
01-Jan-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com