Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFQ19S Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BFQ19S
Description  NPN Silicon RF Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFQ19S Datasheet(HTML) 5 Page - Infineon Technologies AG

  BFQ19S_10 Datasheet HTML 1Page - Infineon Technologies AG BFQ19S_10 Datasheet HTML 2Page - Infineon Technologies AG BFQ19S_10 Datasheet HTML 3Page - Infineon Technologies AG BFQ19S_10 Datasheet HTML 4Page - Infineon Technologies AG BFQ19S_10 Datasheet HTML 5Page - Infineon Technologies AG BFQ19S_10 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2010-03-12
5
BFQ19S
Package SOT89
Reel ø180 mm = 1.000 Pieces/Reel
Reel ø330 mm = 4.000 Pieces/Reel
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
0.8
0.8
2.0
0.7
0.45
+0.2
1) Ejector pin markings possible
1.5
3
0.2
-0.1
B
0.25 ±0.05
45˚
0.15 M B
B
0.15
±0.1
0.35
1.5 ±0.1
±0.2
1.6
±0.1
4.5
x3
0.2 MAX.
1)
123
8
0.2
4.3
1.6
Pin 1
2005, June
Date code (YM)
BAW78D
Type code
Pin 1
Manufacturer


Similar Part No. - BFQ19S_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFQ19S INFINEON-BFQ19S_14 Datasheet
553Kb / 7P
   Low Noise Silicon Bipolar RF Transistor
2014-04-03
More results

Similar Description - BFQ19S_10

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Tachyonics CO,. LTD
TBN6301 TACHYONICS-TBN6301 Datasheet
224Kb / 6P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com