Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR3SMBK Datasheet(PDF) 1 Page - Semikron International

Part # FR3SMBK
Description  Fast silicon rectifier diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

FR3SMBK Datasheet(HTML) 1 Page - Semikron International

  FR3SMBK Datasheet HTML 1Page - Semikron International FR3SMBK Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface mount diode
Fast silicon rectifier
diodes
FR 3SMB A ... FR 3SMB M
Forward Current: 3 A
Reverse Voltage: 50 to 1000 V
Features
Mechanical Data
1)
2)
3)
4)
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Characteristics
Symbol
Conditions
Values
Units
Dimensions in mm
FR 3SMB A ... FR 3SMB M
1
25-03-2008 MAM
© by SEMIKRON


Similar Part No. - FR3SMBK

ManufacturerPart #DatasheetDescription
logo
Semikron International
FR3SMBK SEMIKRON-FR3SMBK Datasheet
154Kb / 2P
   Fast silicon rectifier diodes
More results

Similar Description - FR3SMBK

ManufacturerPart #DatasheetDescription
logo
Semikron International
RGL1A SEMIKRON-RGL1A Datasheet
116Kb / 2P
   Fast silicon rectifier diodes
FR3A SEMIKRON-FR3A Datasheet
120Kb / 2P
   Fast silicon rectifier diodes
FR5A SEMIKRON-FR5A Datasheet
152Kb / 2P
   Fast silicon rectifier diodes
RGP30K SEMIKRON-RGP30K Datasheet
154Kb / 2P
   Fast silicon rectifier diodes
BA157 SEMIKRON-BA157 Datasheet
138Kb / 2P
   Fast silicon rectifier diodes
BA3060 SEMIKRON-BA3060 Datasheet
129Kb / 2P
   Fast silicon rectifier diodes
BY296 SEMIKRON-BY296 Datasheet
153Kb / 2P
   Fast silicon rectifier diodes
BY396 SEMIKRON-BY396 Datasheet
142Kb / 2P
   Fast silicon rectifier diodes
BY296 SEMIKRON-BY296_06 Datasheet
156Kb / 2P
   Fast silicon rectifier diodes
SA261 SEMIKRON-SA261_07 Datasheet
123Kb / 2P
   Fast silicon rectifier diodes
FR3SMBA SEMIKRON-FR3SMBA Datasheet
154Kb / 2P
   Fast silicon rectifier diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com