Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFP650F Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BFP650F
Description  NPN Silicon Germanium RF Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP650F Datasheet(HTML) 3 Page - Infineon Technologies AG

  BFP650F Datasheet HTML 1Page - Infineon Technologies AG BFP650F Datasheet HTML 2Page - Infineon Technologies AG BFP650F Datasheet HTML 3Page - Infineon Technologies AG BFP650F Datasheet HTML 4Page - Infineon Technologies AG BFP650F Datasheet HTML 5Page - Infineon Technologies AG BFP650F Datasheet HTML 6Page - Infineon Technologies AG BFP650F Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2007-08-09
BFP650F
3
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics (verified by random sampling)
Transition frequency
IC = 80 mA, VCE = 3 V, f = 1 GHz
fT
-
42
-
GHz
Collector-base capacitance
VCB = 3 V, f = 1 MHz, VBE = 0 ,
emitter grounded
Ccb
-
0.26
-
pF
Collector emitter capacitance
VCE = 3 V, f = 1 MHz, VBE = 0 ,
base grounded
Cce
-
0.45
-
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz, VCB = 0 ,
collector grounded
Ceb
-
1.3
-
Noise figure
IC = 10 mA, VCE = 3 V, f = 1.8 GHz, ZS = ZSopt
IC = 10 mA, VCE = 3 V, f = 6 GHz, ZS = ZSopt
F
-
-
0.8
1.9
-
-
dB
Power gain, maximum available1)
IC = 80 mA, VCE = 3 V, ZS = ZSopt, ZL = ZLopt,
f = 1.8 GHz
f = 6 GHz
Gma
-
-
21.5
11
-
-
Transducer gain
IC = 80 mA, VCE = 3 V, ZS = ZL = 50 Ω,
f = 1.8 GHz
f = 6 GHz
|S21e|2
15
-
17.5
7.5
-
-
dB
Third order intercept point at output2)
VCE = 3 V, IC = 80 mA, f = 1.8 GHz,
ZS = ZL = 50 Ω
IP3
-
31
-
dBm
1dB Compression point at output
IC = 80 mA, VCE = 3 V, ZS = ZL = 50 Ω,
f = 1.8 GHz
P-1dB
-
17.5
-
1Gma = |S21e / S12e| (k-(k²-1)1/2)
2IP3 value depends on termination of all intermodulation frequency components.
Termination used for this measurement is 50
from 0.1 MHz to 6 GHz


Similar Part No. - BFP650F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP650F INFINEON-BFP650F Datasheet
556Kb / 7P
   Linear Low Noise SiGe:C Bipolar RF Transistor
2013-09-06
BFP650F INFINEON-BFP650F_13 Datasheet
556Kb / 7P
   Linear Low Noise SiGe:C Bipolar RF Transistor
2013-09-06
More results

Similar Description - BFP650F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP640F INFINEON-BFP640F Datasheet
190Kb / 6P
   NPN Silicon Germanium RF Transistor
Mar-11-2004
BFP620E7764 INFINEON-BFP620E7764 Datasheet
196Kb / 7P
   NPN Silicon Germanium RF Transistor
Jul-03-2003
logo
California Eastern Labs
NESG3033M14 CEL-NESG3033M14 Datasheet
281Kb / 7P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Renesas Technology Corp
NESG340033 RENESAS-NESG340033 Datasheet
224Kb / 12P
   NPN Silicon Germanium RF Transistor
logo
California Eastern Labs
NESG260234 CEL-NESG260234 Datasheet
362Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Infineon Technologies A...
BFP640H6327 INFINEON-BFP640H6327 Datasheet
154Kb / 10P
   NPN Silicon Germanium RF Transistor
2007-05-29
logo
Renesas Technology Corp
NESG204619 RENESAS-NESG204619 Datasheet
302Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2046M33 RENESAS-NESG2046M33 Datasheet
240Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2107M33 RENESAS-NESG2107M33 Datasheet
244Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG250134 RENESAS-NESG250134 Datasheet
342Kb / 16P
   NPN SILICON GERMANIUM RF TRANSISTOR
2004
NESG340034 RENESAS-NESG340034 Datasheet
214Kb / 11P
   NPN Silicon Germanium RF Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com