Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68302RC25 Datasheet(PDF) 11 Page - Motorola, Inc

Part # MC68302RC25
Description  Integrated Multiprotocol Processor User?셲 Manual
Download  480 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68302RC25 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC68302RC25 Datasheet HTML 7Page - Motorola, Inc MC68302RC25 Datasheet HTML 8Page - Motorola, Inc MC68302RC25 Datasheet HTML 9Page - Motorola, Inc MC68302RC25 Datasheet HTML 10Page - Motorola, Inc MC68302RC25 Datasheet HTML 11Page - Motorola, Inc MC68302RC25 Datasheet HTML 12Page - Motorola, Inc MC68302RC25 Datasheet HTML 13Page - Motorola, Inc MC68302RC25 Datasheet HTML 14Page - Motorola, Inc MC68302RC25 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 480 page
background image
Table of Contents
Paragraph
Title
Page
Number
Number
MOTOROLA
MC68302 USER’S MANUAL
xi
5.6
Data Bus Pins (D15—D0) ....................................................................... 5-7
5.7
Bus Control Pins...................................................................................... 5-8
5.8
Bus Arbitration Pins............................................................................... 5-10
5.9
Interrupt Control Pins ............................................................................ 5-11
5.10
MC68302 Bus Interface Signal Summary ............................................. 5-12
5.11
Physical Layer Serial Interface Pins...................................................... 5-13
5.12
Typical Serial Interface Pin Configurations ........................................... 5-14
5.13
NMSI1 or ISDN Interface Pins............................................................... 5-14
5.14
NMSI2 Port or Port a Pins ..................................................................... 5-17
5.15
NMSI3 Port or Port A Pins or SCP Pins ................................................ 5-18
5.16
IDMA or Port A Pins .............................................................................. 5-19
5.17
IACK or PIO Port B Pins........................................................................ 5-20
5.18
Timer Pins ............................................................................................. 5-20
5.19
Parallel I/O Pins with Interrupt Capability .............................................. 5-22
5.20
Chip-Select Pins.................................................................................... 5-22
5.21
No-Connect Pins ................................................................................... 5-23
5.22
When to Use Pullup Resistors............................................................... 5-23
Section 6
Electrical Characteristics
6.1
Maximum Ratings.................................................................................... 6-1
6.2
Thermal Characteristics .......................................................................... 6-1
6.3
Power Considerations ............................................................................. 6-2
6.4
Power Dissipation.................................................................................... 6-3
6.5
DC Electrical Characteristics................................................................... 6-4
6.6
DC Electrical Characteristics—NMSI1 in IDL Mode................................ 6-5
6.7
AC Electrical Specifications—Clock Timing ............................................ 6-5
6.8
AC Electrical Specifications—IMP Bus Master Cycles............................ 6-6
6.9
AC Electrical Specifications—DMA ....................................................... 6-13
6.10
AC Electrical Specifications—External Master
Internal Asynchronous Read/Write Cycles............................................ 6-16
6.11
AC Electrical Specifications—External Master Internal Synchronous
Read/Write Cycles................................................................................. 6-19
6.12
AC Electrical Specifications—Internal Master
Internal Read/Write Cycles.................................................................... 6-23
6.13
AC Electrical Specifications—Chip-Select Timing Internal
Master .................................................................................................. 6-24
6.14
AC Electrical Specifications—Chip-Select Timing External Master ...... 6-25
6.15
AC Electrical Specifications—Parallel I/O ............................................ 6-26
6.16
AC Electrical Specifications—Interrupts................................................ 6-27
6.17
AC Electrical Specifications—Timers .................................................... 6-28
6.18
AC Electrical Specifications—Serial Communications Port . ................ 6-29
6.19
AC Electrical Specifications—IDL Timing.............................................. 6-30
6.20
AC Electrical Specifications—GCI Timing............................................. 6-32
6.21
AC Electrical Specifications—PCM Timing ........................................... 6-34
6.22
AC Electrical Specifications—NMSI Timing .......................................... 6-36


Similar Part No. - MC68302RC25

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302RC25 MOTOROLA-MC68302RC25 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
More results

Similar Description - MC68302RC25

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68340 FREESCALE-MC68340 Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MC68340FE16E FREESCALE-MC68340FE16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
logo
Motorola, Inc
MC68340AB16E MOTOROLA-MC68340AB16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MCF5307AI66B MOTOROLA-MCF5307AI66B Datasheet
5Mb / 484P
   Integrated Microprocessor User?셲 Manual
MC68LC302 MOTOROLA-MC68LC302 Datasheet
766Kb / 169P
   Low Power Integrated Multiprotocol Processor Reference Manual
logo
Freescale Semiconductor...
MCF5282 FREESCALE-MCF5282 Datasheet
8Mb / 766P
   Microcontroller User?셲 Manual
logo
Samsung semiconductor
UM_S3C49F9X SAMSUNG-UM_S3C49F9X Datasheet
653Kb / 74P
   S3C49F9X User?셲 Manual
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141 Datasheet
304Kb / 7P
   Evaluation Board User?셲 Manual
logo
List of Unclassifed Man...
X10SRW-F ETC1-X10SRW-F Datasheet
9Mb / 129P
   X10SRW-F User?셲 Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com