Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFP196W Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BFP196W
Description  NPN Silicon RF Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP196W Datasheet(HTML) 1 Page - Infineon Technologies AG

  BFP196W_07 Datasheet HTML 1Page - Infineon Technologies AG BFP196W_07 Datasheet HTML 2Page - Infineon Technologies AG BFP196W_07 Datasheet HTML 3Page - Infineon Technologies AG BFP196W_07 Datasheet HTML 4Page - Infineon Technologies AG BFP196W_07 Datasheet HTML 5Page - Infineon Technologies AG BFP196W_07 Datasheet HTML 6Page - Infineon Technologies AG BFP196W_07 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2007-04-20
BFP196W
1
1
2
3
4
NPN Silicon RF Transistor*
• For low noise, low distortion broadband
amplifiers in antenna and telecommunications
systems up to 1.5 GHz at collector currents from
20 mA to 80 mA
• Power amplifier for DECT and PCN systems
• f
T = 7.5 GHz, F = 1.3 dB at 900 MHz
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
* Short term description
ESD (Electrostatic discharge) sensitive device, observe handling precaution!
Type
Marking
Pin Configuration
Package
BFP196W
RIs
1 = E 2 = C 3 = E 4 = B
-
-
SOT343
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
12
V
Collector-emitter voltage
VCES
20
Collector-base voltage
VCBO
20
Emitter-base voltage
VEBO
2
Collector current
IC
150
mA
Base current
IB
15
Total power dissipation2)
TS ≤ 69°C
Ptot
700
mW
Junction temperature
Tj
150
°C
Ambient temperature
TA
-55 ... 150
Storage temperature
Tstg
-55 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point3)
RthJS
≤ 115
K/W
1Pb-containing package may be available upon special request
2TS is measured on the collector lead at the soldering point to the pcb
3For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BFP196W_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP196WN INFINEON-BFP196WN Datasheet
644Kb / 19P
   Low noise silicon bipolar RF transistor
Revision 1.0 2017-01-20
BFP196W INFINEON-BFP196W_14 Datasheet
552Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-04
More results

Similar Description - BFP196W_07

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Tachyonics CO,. LTD
TBN6301 TACHYONICS-TBN6301 Datasheet
224Kb / 6P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com