Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF517 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BF517
Description  NPN Silicon RF Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BF517 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BF517_07 Datasheet HTML 1Page - Infineon Technologies AG BF517_07 Datasheet HTML 2Page - Infineon Technologies AG BF517_07 Datasheet HTML 3Page - Infineon Technologies AG BF517_07 Datasheet HTML 4Page - Infineon Technologies AG BF517_07 Datasheet HTML 5Page - Infineon Technologies AG BF517_07 Datasheet HTML 6Page - Infineon Technologies AG BF517_07 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2007-04-20
3
BF517
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics (verified by random sampling)
Transition frequency
IC = 2 mA, VCE = 5 V, f = 200 MHz
IC = 25 mA, VCE = 5 V, f = 200 MHz
fT
1
1.3
1.4
2.5
-
-
GHz
Collector-base capacitance
VCB = 5 V, f = 1 MHz, VBE = 0 ,
emitter grounded
Ccb
-
0.55
0.8
pF
Collector emitter capacitance
VCE = 5 V, f = 1 MHz, VBE = 0 ,
base grounded
Cce
-
0.27
-
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz, VCB = 0 ,
collector grounded
Ceb
-
0.9
1.45
Noise figure
IC = 2 mA, VCE = 5 V, ZS = 50 Ω,
f = 800 MHz
F
-
3.5
5
dB
Transducer gain
IC = 20 mA, VCE = 5 V, ZS = ZL = 50Ω,
f = 500 MHz
|S21e|2
-
13
-
dB
Third order intercept point at output
VCE = 5 V, IC = 20 mA, f = 800 MHz,
ZS = ZSopt, ZL = ZLopt
IP3
-
21.5
-
dBm
1dB Compression point
IC = 20 mA, VCE = 5 V, ZS = ZL = 50Ω,
f = 800 MHz
P-1dB
-
10
-
-


Similar Part No. - BF517_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF517E6327 INFINEON-BF517E6327 Datasheet
521Kb / 7P
   NPN Silicon RF Transistor
2011-12-12
BF517 INFINEON-BF517_11 Datasheet
521Kb / 7P
   NPN Silicon RF Transistor
2011-12-12
More results

Similar Description - BF517_07

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Tachyonics CO,. LTD
TBN6301 TACHYONICS-TBN6301 Datasheet
224Kb / 6P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com