Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCV61C Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BCV61C
Description  NPN Silicon Double Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCV61C Datasheet(HTML) 4 Page - Infineon Technologies AG

  BCV61C Datasheet HTML 1Page - Infineon Technologies AG BCV61C Datasheet HTML 2Page - Infineon Technologies AG BCV61C Datasheet HTML 3Page - Infineon Technologies AG BCV61C Datasheet HTML 4Page - Infineon Technologies AG BCV61C Datasheet HTML 5Page - Infineon Technologies AG BCV61C Datasheet HTML 6Page - Infineon Technologies AG BCV61C Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2007-08-09
4
BCV61
Test circuit for current matching
EHN00001
T1
T2
...
A
21
4
3
VCE1
CO
V
CO
V
C1
Ι
Ι
E2 = constant
Note: Voltage drop at contacts: VCO < 2/3 VT = 16mV
Characteristic for determination of VCE1 at specified RE range with
IE2 as parameter under condition of IC1/IE2 = 1.3
EHN00002
T1
T2
...
A
21
4
3
VCE1
C1
Ι
Ι
E2 = constant
RE
RE
Note: BCV61 with emitter resistors


Similar Part No. - BCV61C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV61C PHILIPS-BCV61C Datasheet
50Kb / 8P
   NPN general purpose double transistor
1999 Apr 08
logo
Siemens Semiconductor G...
BCV61C SIEMENS-BCV61C Datasheet
95Kb / 5P
   NPN Silicon Double Transistors (To be used as a current mirror Good thermal coupling and VBE matching)
logo
Infineon Technologies A...
BCV61C INFINEON-BCV61C Datasheet
49Kb / 5P
   NPN Silicon Double Transistor
Jul-10-2001
logo
NXP Semiconductors
BCV61C PHILIPS-BCV61C Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Infineon Technologies A...
BCV61C INFINEON-BCV61C Datasheet
536Kb / 7P
   NPN Silicon Double Transistor
2011-10-13
More results

Similar Description - BCV61C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCV61 INFINEON-BCV61 Datasheet
49Kb / 5P
   NPN Silicon Double Transistor
Jul-10-2001
BCV61 INFINEON-BCV61_11 Datasheet
536Kb / 7P
   NPN Silicon Double Transistor
2011-10-13
logo
DONGGUAN YOU FENG WEI E...
MMBT3904DW YFWDIODE-MMBT3904DW Datasheet
549Kb / 5P
   NPN Silicon General Purpose Double Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT7073DE SEMTECH_ELEC-MMBT7073DE Datasheet
476Kb / 5P
   NPN/PNP Silicon General Purpose Double Transistor
logo
Nexperia B.V. All right...
BCM846BS NEXPERIA-BCM846BS Datasheet
687Kb / 12P
   NPN/NPN matched double transistor
BCM847DS NEXPERIA-BCM847DS Datasheet
241Kb / 10P
   NPN/NPN matched double transistor
27 December 2022
BCM61B NEXPERIA-BCM61B Datasheet
2Mb / 13P
   NPN/NPN matched double transistor
Rev. 02 - 28 August 2009
logo
NXP Semiconductors
BCM846BS PHILIPS-BCM846BS_15 Datasheet
264Kb / 12P
   NPN/NPN matched double transistor
26 June 2015
BCM61B PHILIPS-BCM61B_15 Datasheet
144Kb / 13P
   NPN/NPN matched double transistor
Rev. 02-28 August 2009
logo
Nexperia B.V. All right...
BCM847BV NEXPERIA-BCM847BV Datasheet
226Kb / 9P
   NPN/NPN matched double transistor
27 December 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com